Electronic Components Datasheet Search
  English  ▼

X  

GPC3XXXAX Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPC3XXXAX Datasheet HTML 5Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 6Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 7Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 8Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 9Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 10Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 11Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 12Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
9
Aug. 28, 2017
Version: 2.3
6.3. Signal Descriptions for GPC3010A/3010C
PIN NAME
TYPE
DESCRIPTION
IO Port
IOA[7:0]
I/O
IOA[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor
IOA7 shares its pad with IR output.
IOA1 shares its pad with external clock input.
IOA0 shares its pad with external interrupt input.
IOA[2:1] shares its pad with feedback function.
IOB[7:0]
I/O
IOB[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor.
IOB[3:0] shares its pad with 256-level PWM output, high sink current.
Power & Ground PAD
VDD_REGOUT
O
Regulator output
VREF
I
Reference voltage of analog circuit, must be connected to VDD_REGOUT
VDD_REGIN
P
Power supply regulator voltage input
VSS
G
Ground reference
PVDD
P
PWM driver power, can be greater than or equal to VDD_REGIN
PVSS
G
PWM driver ground reference
Others
RESB
I
System reset input, low active (with pull high)
NC
I
Please DON’T bond NC pin (only for GPC3010A).
OSC
I
Frequency control pin for external oscillator, with resistor to VDD_REGIN (only for
GPC3010C).
TEST
I
Test pin input, high active (with pull low), and p
lease DON’T bond the TEST pin.
AUDP, AUDN
O
PWM output
Total: 27 Pins
Legend: I = Input
O = Output
P = Power
G = Ground
Note1: To ensure that the IC functions properly, please bond all of VDD and VSS pins.
Note2: PVDD can be greater than or equal to VDD_REGIN.
Note3:
Please DON’T bond TEST pin.
Note4: NC pin is only for GPC3010A, and p
lease DON’T bond NC pin.
Note5: OSC pin is only for GPC3010C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com