Electronic Components Datasheet Search
  English  ▼

X  

GPC3XXXAX Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPC3XXXAX Datasheet HTML 3Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 4Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 5Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 6Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 7Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 8Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 9Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 10Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
7
Aug. 28, 2017
Version: 2.3
6.SIGNAL DESCRIPTIONS
6.1. Signal Descriptions for GPC3680A~ GPC3026A, GPC3340B~ GPC3092B, GPC3040B~ GPC3026B, GPC3340C/D,
GPC3256C, GPC3170A1~ GPC3092A1, GPC3170B1
PIN Name
Type
Description
IO Port
IOA[7:0]
I/O
IOA[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor (only 1M ohm feedback pull low resistor is available for
GPC3340B~GPC3092B , GPC3340D, GPC3170B1)
IOA7 shares its pad with IR output
IOA1 shares its pad with external clock input
IOA0 shares its pad with external interrupt input
IOB[7:0]
I/O
IOB[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor
IOB5 shares its pad with XTAL 32KHz input
IOB4 shares its pad with XTAL 32KHz output
IOB[3:0] shares its pad with 256-level PWM output, high sink current
IOB[7:4] is NOT available for GPC3040A/B~GPC3026A/B
IOC[7:0]
I/O
IOC[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor
IOC[7:0] is NOT available for GPC3170A~GPC3026A, GPC3170B~GPC3092B,
GPC3040B~GPC3026B, GPC3340C/D, GPC3256C, GPC3170A1~GPC3092A1, GPC3170B1.
Power & Ground PAD
CVDD
P
Power supply voltage input for internal circuit
CVSS
G
Ground reference for internal circuit
VDDIO
P
Power supply voltage input for GPIO PAD, must be equal to CVDD
VSSIO
G
Ground reference for GPIO PAD
PVDD
P
PWM driver power, can be greater than or equal to CVDD & VDDIO (refer to Note3 and
Note4)
PVSS
G
PWM driver ground reference
Others
RESB
I
System reset input, low active (with pull high)
TEST
I
Test pin input, high active (with pull low), and
please DON’T bond the TEST pin.
AUDP、AUDN
O
PWM output
Total: 34 pins
Legend: I = Input
O = Output
P = Power
G = Ground
Note1: To ensure IC functions properly, please bond all of VDD and VSS pins.
Note2: CVDD must be equal to VDDIO.
Note3: PVDD can be greater than or equal to CVDD & VDDIO for GPC3680A~GPC3052A, GPC3340B~GPC3092B, GPC3040B~GPC3026B, GPC3340C/D,
GPC3256C, GPC3170A1~GPC3092A1, GPC3170B1.
Note4: PVDD must be equal to CVDD & VDDIO for GPC3040A~GPC3026A.
Note5: Please DO NOT bond TEST pin.
Note6: IOC[7:0] is NOT available for GPC3170A/B~GPC3026A/B, GPC3340C/D, GPC3256C, GPC3170A1~GPC3092A1, GPC3170B1.
Note7: IOB[7:4] is NOT available for GPC3040A/B~GPC3026A/B.
Note8: Only 1Mohms pull low resistor is available on IOA[7:0] for GPC3340B~GPC3092B, GPC3340D, GPC3170B1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com