Electronic Components Datasheet Search
  English  ▼

X  

GPCL112B1 Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPCL112B1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCL112B1 Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPCL112B1 Datasheet HTML 1Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 2Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 3Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 4Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 5Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 6Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 7Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 8Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
5
Sep. 15, 2015
Version: 1.0
6. SIGNAL DESCRIPTIONS
Mnemonic
Type
Description
RESETB
I
Reset pin, low active to reset whole system
IOD0
IOD1
IOD2
IOD3
IOD4
IOD5
IOD6
IOD7
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Bit-controlled programmable I/O pins
In input mode, Port D can be either pure or pull-low state
In output mode, Port D can be buffer
Pins in Port D are the key wakeup I/O pins
IOD6 : external interrupt
IOD7: IR transmitter
IOC0
IOC1
IOC2
IOC3
I/O
I/O
I/O
I/O
Nibble-controlled programmable I/O pins
In input mode, Port C can be either pure or pull-low state.
In output mode, Port C can be a buffer.
TEST
I
TEST pin, NC
ROSC
I
ROSC Resistor input (Resistor must be connected to VDD)
VDD
P
Digital Power Pad
VSS
P
Digital Ground
VIN
Lpump
VSSIN
VDDO
P
I
P
P
DC-DC: Power PAD
DC-DC: Inductance input (Inductance must be connected to VIN)
DC-DC: Ground PAD
DC-DC: Pumped voltage output
AUDP
O
Audio output
AVDD
P
PWM Power Pad
AVSS
P
PWM Ground Pad
AUDN
O
Audio output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com