Electronic Components Datasheet Search
  English  ▼

X  

GPCL112B1 Datasheet(PDF) 10 Page - Generalplus Technology Inc.

Part # GPCL112B1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCL112B1 Datasheet(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPCL112B1 Datasheet HTML 6Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 7Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 8Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 9Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 10Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 11Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 12Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 13Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
10
Sep. 15, 2015
Version: 1.0
8. ELECTRICAL SPECIFICATIONS
8.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +60℃
Storage Temperature
TSTO
-50℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device.
8.2. AC Characteristics (TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
OSC Frequency
FOSC
-
-
6.0
MHz
VIN= 1.0V - 1.7V
(one-battery , GPCLXXXA1)
VIN= 1.3V - 3.6V
(two-battery , GPCLXXXB1)
8.3. Power Characteristics (One-battery, GPCLXXXA1, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Input Voltage (Min.) *
VIN
1.0
-
-
V
I(VDD)=40mA@VDD=3.3V,
L=22uH/0.5W
Input Voltage (Max.)
VIN
-
-
1.7
V
-
Operating Voltage**
VDD
3.3
-
3.9
V
-
Standby Current
ISTBY
-
-
5.0
A
VIN = 1.5V
*As I(VDD) is larger than the value of test condition; VDD can be observed voltage drop.
**VDD is the pumped voltage.
It is larger than or equal to input voltage.
It is possible to be lower with heavy loading under operating.
8.4. Power Characteristics (Two-battery, GPCLXXXB1, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Input Voltage (Min.) *
VIN
1.3
-
-
V
I(VDD)=40mA@VDD=3.3V,
L=22uH/0.5W
Input Voltage (Max.)
VIN
-
-
3.6
V
-
Operating Voltage**
VDD
3.3
-
4.5
V
-
Standby Current
ISTBY
-
-
10.0
A
VIN = 3.0V
*As I(VDD) is larger than the value of test condition; VDD can be observed voltage drop.
**VDD is the pumped voltage.
It is larger than or equal to input voltage.
It is possible to be lower with heavy loading under operating.
8.5. DC Characteristics (One-battery, GPCLXXXA1, VDD=3.9V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Current
IOP
-
14
-
mA
Fosc = 6.0MHz @ VDD=3.9V(no load)
VIN=1.5V
Audio Output Current
IAUD
-
180
-
mA
VDD = 3.9V, 8 Ohms load
Input High Level
VIH
0.7 VDD
-
-
V
VDD = 3.9V
Input Low Level
VIL
-
-
0.3 VDD
V
VDD = 3.9V
Output Source Current
IOH
-
10
-
mA
VDD = 3.9V, VOH = 2.73V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com