Electronic Components Datasheet Search
  English  ▼

X  

GPCL112B1 Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPCL112B1
Description  Low Power Sound Conttrollller Seriies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCL112B1 Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPCL112B1 Datasheet HTML 7Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 8Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 9Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 10Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 11Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 12Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 13Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 14Page - Generalplus Technology Inc. GPCL112B1 Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GPCL A1/B1 Series
© Generalplus Technology Inc.
Proprietary & Confidential
11
Sep. 15, 2015
Version: 1.0
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Output Sink Current
IOL
-
27
-
mA
VDD = 3.9V, VOL = 1.17V
Input Resistor (IOC)
RIN
-
125
-
K
VDD = 3.9V, VIN = VDD
Input Resistor (IOD)
RIN
-
185
-
K
VDD = 3.9V, VIN = VDD
8.6. DC Characteristics (One-battery, GPCLXXXA1, VDD=3.3V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Current
IOP
-
9.2
-
mA
Fosc = 6.0MHz @ VDD=3.3V(no load)
VIN=1.5V
Audio Output Current
IAUD
-
145
-
mA
VDD = 3.3V, 8 Ohms load
Input High Level
VIH
0.7 VDD
-
-
V
VDD = 3.3V
Input Low Level
VIL
-
-
0.3 VDD
V
VDD = 3.3V
Output Source Current
IOH
-
8
-
mA
VDD = 3.3V, VOH = 2.31V
Output Sink Current
IOL
-
20
-
mA
VDD = 3.3V, VOL = 0.99V
Input Resistor (IOC)
RIN
-
140
-
K
VDD = 3.3V, VIN = VDD
Input Resistor (IOD)
RIN
-
235
-
K
VDD = 3.3V, VIN = VDD
8.7. DC Characteristics (Two-battery, GPCLXXXB1, VDD=4.5V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Current
IOP
-
9
-
mA
Fosc = 6.0MHz @ VDD=4.5V(no load)
VIN=3.0V
Audio Output Current
IAUD
-
215
-
mA
VDD = 4.5V, 8 Ohms load
Input High Level
VIH
0.7 VDD
-
-
V
VDD = 4.5V
Input Low Level
VIL
-
-
0.3 VDD
V
VDD = 4.5V
Output Source Current
IOH
-
14
-
mA
VDD = 4.5V, VOH = 3.15V
Output Sink Current
IOL
-
35
-
mA
VDD = 4.5V, VOL = 1.35V
Input Resistor (IOC)
RIN
-
120
-
K
VDD = 4.5V, VIN = VDD
Input Resistor (IOD)
RIN
-
155
-
K
VDD = 4.5V, VIN = VDD
8.8. DC Characteristics (Two-battery, GPCLXXXB1, VDD=3.3V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Current
I(VIN)
IOP
-
4
-
mA
Fosc = 6.0MHz @ VDD=3.3V(no load)
VIN=3.0V
Audio Output Current
IAUD
-
145
-
mA
VDD = 3.3V, 8 Ohms load
Input High Level
VIH
0.7 VDD
-
-
V
VDD = 3.3V
Input Low Level
VIL
-
-
0.3 VDD
V
VDD = 3.3V
Output Source Current
IOH
-
8
-
mA
VDD = 3.3V, VOH = 2.31V
Output Sink Current
IOL
-
20
-
mA
VDD = 3.3V, VOL = 0.99V
Input Resistor (IOC)
RIN
-
140
-
K
VDD = 3.3V, VIO = VDD
Input Resistor (IOD)
RIN
-
235
-
K
VDD = 3.3V, VIO = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com