Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
Time (10 µS/div)
Output
Input
Time (µS)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
-75
-50
-25
0
25
50
75
Time (µS)
-25
0
25
50
75
-75
-50
-25
0
25
50
75
Time (µS)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
-75
-50
-25
0
25
50
75
Time (µS)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
-75
-50
-25
0
25
50
75
17
INA821
www.ti.com
SBOS893B – AUGUST 2018 – REVISED MAY 2019
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
G = 1
RL = 10 kΩ
CL = 100 pF
Figure 43. Small-Signal Response
G = 10
RL = 10 kΩ
CL = 100 pF
Figure 44. Small-Signal Response
G = 100
RL = 10 kΩ
CL = 100 pF
Figure 45. Small-Signal Response
G = 1000
RL = 10 kΩ
CL = 100 pF
Figure 46. Small-Signal Response
Figure 47. Large-Signal Step Response
Figure 48. Closed-Loop Output Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com