Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Avg
3Sig
3Sig
Common-Mode Rejection Ratio (PV/V)
0
5%
10%
15%
20%
25%
0
-20
20
-16
-12
-8
-4
4
8
12
16
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Avg
3V
3V
Input Bias Current (pA)
0
5%
10%
15%
20%
0
-200
200
-150
-100
-50
50
100
150
Input Bias Current (pA)
0
5%
10%
15%
20%
0
-300
300
-200
-100
100
200
Input Bias Current (pA)
0
5%
10%
15%
20%
0
-200
200
-150
-100
-50
50
100
150
11
INA821
www.ti.com
SBOS893B – AUGUST 2018 – REVISED MAY 2019
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 292
Mean = 45 pA
Std. Dev. = 62 pA
TA = 25°C
Figure 7. Typical Distribution of Input Bias Current,
TA = 25°C
N = 292
Mean = 34 pA
Std. Dev. = 52 pA
TA = 90°C
Figure 8. Typical Distribution of Input Bias Current,
TA = 90°C
N = 292
Mean = 34 pA
Std. Dev. = 52 pA
TA = 25°C
Figure 9. Typical Distribution of Input Offset Current
N = 294
G=1
Figure 10. Input Bias Current vs Temperature
N = 294
G=1
Figure 11. Input Offset Current vs Temperature
N = 294
Mean = 4.87 µV/V
Std. Dev. = 4.14 µV/V
G=1
Figure 12. Typical CMRR Distribution, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com