Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Common Mode Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-0.5
-0.3
-0.1
0.1
0.3
0.5
45 qC
25 qC
125 qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-40
-20
0
20
40
60
80
100
Gain Error (ppm)
0
2.5%
5%
7.5%
10%
12.5%
15%
0
-250
250
-200 -150 -100
-50
50
100
150
200
Gain Error (ppm)
0
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
0
-900
900
-600
-300
300
600
Time (1 s/div)
Time (1 s/div)
14
INA821
SBOS893B – AUGUST 2018 – REVISED MAY 2019
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
G = 1000
Figure 25. 0.1-Hz to 10-Hz RTI Voltage Noise, G = 1000
G = 1
Figure 26. 0.1-Hz to 10-Hz RTI Current Noise
N = 294
Mean = 35 ppm
Std. Dev. = 133 ppm
G=1
Figure 27. Typical Distribution of Gain Error, G = 1
N = 293
Mean = 152 ppm
Std. Dev. = 291 ppm
G=10
Figure 28. Typical Distribution of Gain Error, G = 10
VS = ±15 V
Figure 29. Input Bias Current vs Common-Mode Voltage
Average of 294 units
G = 1
Figure 30. Gain Error vs Temperature, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com