Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
INA821
SBOS893B – AUGUST 2018 – REVISED MAY 2019
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.6 Typical Characteristics: Table of Graphs
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Typical Distribution of Input Stage Offset Voltage
Figure 1
Typical Distribution of Input Stage Offset Voltage Drift
Figure 2
Typical Distribution of Output Stage Offset Voltage
Figure 3
Typical Distribution of Output Stage Offset Voltage Drift
Figure 4
Input Stage Offset Voltage vs Temperature
Figure 5
Output Stage Offset Voltage vs Temperature
Figure 6
Typical Distribution of Input Bias Current, TA = 25°C
Figure 7
Typical Distribution of Input Bias Current, TA = 90°C
Figure 8
Typical Distribution of Input Offset Current
Figure 9
Input Bias Current vs Temperature
Figure 10
Input Offset Current vs Temperature
Figure 11
Typical CMRR Distribution, G = 1
Figure 12
Typical CMRR Distribution, G = 10
Figure 13
CMRR vs Temperature, G = 1
Figure 14
CMRR vs Temperature, G = 10
Figure 15
Input Current vs Input Overvoltage
Figure 16
CMRR vs Frequency (RTI)
Figure 17
CMRR vs Frequency (RTI, 1-kΩ source imbalance)
Figure 18
Positive PSRR vs Frequency (RTI)
Figure 19
Negative PSRR vs Frequency (RTI)
Figure 20
Gain vs Frequency
Figure 21
Voltage Noise Spectral Density vs Frequency (RTI)
Figure 22
Current Noise Spectral Density vs Frequency (RTI)
Figure 23
0.1-Hz to 10-Hz RTI Voltage Noise, G = 1
Figure 24
0.1-Hz to 10-Hz RTI Voltage Noise, G = 1000
Figure 25
0.1-Hz to 10-Hz RTI Current Noise
Figure 26
Typical Distribution of Gain Error, G = 1
Figure 27
Typical Distribution of Gain Error, G = 10
Figure 28
Input Bias Current vs Common-Mode Voltage
Figure 29
Gain Error vs Temperature, G = 1
Figure 30
Gain Error vs Temperature, G = 10
Figure 31
.Supply Current vs Temperature
Figure 32
Gain Nonlinearity, G = 1
Figure 33
Gain Nonlinearity, G = 10
Figure 34
Offset Voltage vs Negative Common-Mode Voltage
Figure 35
Offset Voltage vs Positive Common-Mode Voltage
Figure 36
Positive Output Voltage Swing vs Output Current
Figure 37
Negative Output Voltage Swing vs Output Current
Figure 38
Short-Circuit Current vs Temperature
Figure 39
Large-Signal Frequency Response
Figure 40
THD+N vs Frequency
Figure 41
Overshoot vs Capacitive Loads
Figure 42
Small-Signal Response, G = 1
Figure 43
Small-Signal Response, G = 10
Figure 44
Small-Signal Response, G = 100
Figure 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com