Electronic Components Datasheet Search
  English  ▼

X  

RM3183 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM3183
Description  Dual ARINC 429 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3183 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM3183 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
RM3183
3
Thermal Characteristics (Still air, soldered into PC board)
Ceramic DIP
LCC
Maximum Junction Temperature
+175
°C
+175
°C
Maximum PD TA < 50
°C
1042 mW
925 mW
Thermal Resistance,
θJC
60
°C/W
37
°C/W
Thermal Resistance,
θJC
120
°C/W
105
°C/W
DC Electrical Characteristics
TA = -55
°C to +125°C, ±12V ≤ VS ±15V, VL = +5V, unless otherwise noted
Symbol
Parameter
Conditlons
Min.
Typ.
Max.
Units
VIH
V(A)-V(B)
OUTA = 1
6.5
10
13
V
VIL
V(A)-V(B)
OUTB = 1
-6.5
-10
-13
V
VIN
V(A)-V(B)
OUTA and OUTB = 0
-2.5
0
+2.5
V
VIC
(2)
V(A) and V(B)-GND
Maximum common mode
frequency = 80 kHz
±5
V
RI
Input resistance, Input A to Input B
30
50
k
Ω
RH
Input resistance, Input A to Gnd
19
25
k
Ω
RG
Input resistance, B to Gnd
19
25
k
Ω
CI
(1, 2)
Input capacitance, A to B
Filter caps disconnected
3
10
pF
CH
(1, 2)
Input capacitance, A to Gnd
Filter caps disconnected
3
10
pF
CG
(1, 2)
Input capacitance, B to Gnd
Filter caps disconnected
3
10
pF
Test Inputs (TESTA, TESTB)
VIH
Logic 1 input voltage
V(A) = 0V
V(B) = 0V
2.7
V
VIL
Logic 0 input voltage
0.0
V
IIH
Logic 1 input current
VIH = 2.7V
5
15
µA
IIL
Logic 0 input current
VIL = 0.0V
0.5
1.0
µA
Outputs
VOH
IOH = 100
µA
TA = 25
°C
4.0
4.3
V
IOH = 2.8 mA
Full temperature range
3.5
4.0
V
VOL
IOL = 100
µA
TA = 25
°C
0.02
0.08
V
IOL = 2.0 mA
Full temperature range
0.3
0.8
V
Tr
Rise Time
CL = 50 pF, TA = 25
°C
40
70
ns
Tf
Fall Time
CL = 50 pF, TA = 25
°C
30
70
ns
TPLH
Propagation delay
Output low to high
CL = 50 pF, fO = 400 kHz
Filter caps = 39 pF
800
ns
TPHL
Output high to low
TA = 25
°C
320
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com