Electronic Components Datasheet Search
  English  ▼

X  

RM3183 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RM3183
Description  Dual ARINC 429 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3183 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RM3183 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRODUCT SPECIFICATION
RM3183
5
Typical Performance Characteristics
Figure 1. Propagation Delay vs. Temperature
Figure 2. Supply Current vs. Temperature
CL = 50 pF, CFILTER = 39 pF
Figure 3. Output Voltage Low vs. Output Current
Figure 4. Output Voltage High vs. Output Current
Figure 5. TR and TF vs. Temperature
Figure 6. Propagation Delay vs. Filter Capacitance
TA = 25
°C
1000
900
800
700
600
500
400
300
200
100
0
Temperature (
°C)
-35
15
40
65
115
140
-60
-10
90
T PLH
T PHL
12
11
10
9
8
7
6
5
4
3
Temperature (
°C)
-10
115
-60
15
65
V =
15V
S
V = +5V
L
VL DD
EE
-V (I
)
S
+V (I
)
S
CC
(I
)
-35
40
90
140
1.00
0.75
0.50
0.25
0
IOL (mA)
3.0
0
0.5
1.0
1.5
2.0
2.5
+125
°C
+25
°C
+55
°C
4.5
4.3
4.1
3.9
3.7
3.5
IOH (mA)
3.0
0
0.5
1.0
1.5
2.0
2.5
+125
°C
+25
°C
-55
°C
70
60
50
40
30
20
10
0
Temperature (
°C)
-60
T F
T R
-35
-10
15
40
65
90
115
140
3.0
2.5
2.0
1.5
1.0
0.5
0
Filter Capacitance (pF)
50
150
200
250
350
400
0
100
300
T = +25 C
A
TPLH
TPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com