Electronic Components Datasheet Search
  English  ▼

X  

RM3183 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RM3183
Description  Dual ARINC 429 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3183 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RM3183 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 11Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RM3183
PRODUCT SPECIFICATION
8
Applications
Figure 9. ARINC Receiver Standard Connections
Figure 10. Repeater Circuit
In 1A
In 1B
In 2A
In 2B
RM3183
+15V
-15V
65-3183-12
ARINC
Channel
1
ARINC
Channel
2
+5V
9
11
1
14
15
12
8
5
39 pF
39 pF
39 pF
39 pF
Cap 1A
Cap 1B
Cap 2A
Cap 2B
Test A
Test B
18
16
19
17
6
4
7
3
2
20
Logic
Test
Inputs
Channel 1
Data Out
To Logic
Channel 2
Data Out
To Logic
A
B
A
B
In 1A
Out 1A
In 1B
Out 2A
ARINC
Test
Channel
Input
A
B
1/2
RM3183
Data (A)
Data (B)
A
B
OUT
OUT
RM3182
RM3182
A OUT
B OUT
A
B
Test
Channel
1
Test
Channel
2
A
B
Data (B)
Data (A)
To Additional
Channels
65-3183-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com