Electronic Components Datasheet Search
  English  ▼

X  

RM3183 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RM3183
Description  Dual ARINC 429 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3183 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RM3183 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RM3183
PRODUCT SPECIFICATION
6
AC Test Waveforms
Figure 7. Propagation Delay
Figure 8. Rise/Fall Times
Test Circuit
Figure 9. AC Test Schematic Diagram
+10V
0V
T
PLH
T
PHL
ARINC In
(Differential)
Logic Out
(A Output)
65-3183-10
10%
90%
90%
10%
T
R
T
F
65-3183-16
Logic
Out
65-3183-11
VIN1
VIN2
VREF
18
6
16
4
19
17
7
3
14
5
8
12
15
9
1
11
RM3183
39pF
39pF
39pF
39pF
0.1 F
µ
+15V
-15V
+5V
50 pF
VOUT1
50 pF
50 pF
VOUT2
VOUT3
VOUT4
0.01 F
µ
0.01 F
µ
50 pF
Notes:
1. VIN = 400 kHz square wave, -3.5V to +3.5V.
2. Set VREF = +3.5 V to test VOUT1 and VOUT3.
Set VREF = -3.5 V to test VOUT2 and VOUT4.
3. 50 pF load capacitance includes probe and wiring capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com