Electronic Components Datasheet Search
  English  ▼

X  

82801E Datasheet(PDF) 18 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82801E Datasheet HTML 14Page - Intel Corporation 82801E Datasheet HTML 15Page - Intel Corporation 82801E Datasheet HTML 16Page - Intel Corporation 82801E Datasheet HTML 17Page - Intel Corporation 82801E Datasheet HTML 18Page - Intel Corporation 82801E Datasheet HTML 19Page - Intel Corporation 82801E Datasheet HTML 20Page - Intel Corporation 82801E Datasheet HTML 21Page - Intel Corporation 82801E Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Intel® 82801E C-ICH
18
Advance Information Datasheet
GPIO[25]
R2
GPIO[27]
N3
GPIO[28]
N4
HL[0]
L19
HL[1]
L21
HL[2]
L23
HL[3]
M20
HL[4]
N19
HL[5]
P20
HL[6]
R23
HL[7]
P19
HL[8]
P22
HL[9]
M19
HL[10]
N21
HL[11]
K22
HL_STB
M22
HL_STB#
N23
HLCOMP
K19
HUBREF
K20
IGNNE#
V23
INIT#
U21
INTR
U23
INTRUDER#
AB5
IRDY#
K4
IRQ[14]
AB16
IRQ[15]
AB22
LAD[0]/FWH[0]
B12
LAD[1]/FWH[1]
D12
LAD[2]/FWH[2]
E12
LAD[3]/FWH[3]
B13
LAN0_CLK
F22
LAN0_RSTSYNC
D23
LAN0_RXD[0]
H20
LAN0_RXD[1]
G23
LAN0_RXD[2]
E22
LAN0_TXD[0]
H21
LAN0_TXD[1]
G21
LAN0_TXD[2]
E23
Table 5.
Ball List By Signal Name
Signal Name
Ball Number
LAN1_CLK
B21
LAN1_RSTSYNC
C22
LAN1_RXD[0]
C21
LAN1_RXD[1]
H19
LAN1_RXD[2]
B23
LAN1_TXD[0]
C20
LAN1_TXD[1]
A22
LAN1_TXD[2]
D20
LDRQ[0]#
B11
LDRQ[1]#
C11
LFRAME#/FWH[4]
C13
NC[1]
W7
NC[2]
Y9
NC[3]
AC7
NC[4]
A4
NC[5]
B6
NC[6]
V4
NC[7]
W3
NC[8]
Y2
NC[9]
W2
NC[10]
V1
NC[11]
U2
NC[12]
T4
NMI
U22
OC[0]#
AA1
OC[1]#
W4
PAR
C3
PCICLK
M5
PCIRST#
R1
PDA[0]
Y16
PDA[1]
W15
PDA[2]
AC16
PDCS1#
W14
PDCS3#
AC19
PDD[0]
AA14
PDD[1]
W13
PDD[2]
AC14
PDD[3]
AA13
Table 5.
Ball List By Signal Name
Signal Name
Ball Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com