Electronic Components Datasheet Search
  English  ▼

X  

82801E Datasheet(PDF) 64 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 64 Page - Intel Corporation

Back Button 82801E Datasheet HTML 60Page - Intel Corporation 82801E Datasheet HTML 61Page - Intel Corporation 82801E Datasheet HTML 62Page - Intel Corporation 82801E Datasheet HTML 63Page - Intel Corporation 82801E Datasheet HTML 64Page - Intel Corporation 82801E Datasheet HTML 65Page - Intel Corporation 82801E Datasheet HTML 66Page - Intel Corporation 82801E Datasheet HTML 67Page - Intel Corporation 82801E Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
Intel® 82801E C-ICH
64
Advance Information Datasheet
t45
C/BE[3:0]#, FRAME#, TRDY#, IRDY#, STOP#,
PERR#, PLOCK#, DEVSEL#, GNT[A:B]# Float
Delay from PCICLK Rising
228
ns
12
t46
C/BE[3:0]#, FRAME#, TRDY#, IRDY#, STOP#,
SERR#, PERR#, DEVSEL#, Setup Time to
PCICLK Rising
7ns
11
t47
C/BE[3:0]#, FRAME#, TRDY#, IRDY#, STOP#,
SERR#, PERR#, DEVSEL#, REQ[A:B]# Hold
Time from PCLKIN Rising
0ns
11
t48
PCIRST# Low Pulse Width
1
ms
13
t49
GNT[A:B}#, GNT[5, 3:0]# Valid Delay from
PCICLK Rising
212
ns
t50
REQ[A:B]#, REQ[5, 3:0]# Setup Timer to PCICLK
Rising
12
ns
Table 45. IDE PIO & Multiword DMA Mode Timing (Sheet 1 of 2)
Sym
Parameter
Min
Max
Units
Notes
Figure
t60
PDIOR#/PDIOW#/SDIOR#/SDIOW# Active From
CLK66 Rising
2
20
ns
15, 16
t61
PDIOR#/PDIOW#/SDIOR#/SDIOW# Inactive From
CLK66 Rising
2
20
ns
15, 16
t62
PDA[2:0]/SDA[2:0] Valid Delay From CLK66 Rising
2
30
ns
15
t63
PDCS1#/SDCS1#, PDCS3#/SDCS3# Active From
CLK66 Rising
230
ns
15
t64
PDCS1#/SDCS1#, PDCS3#/SDCS3# Inactive From
CLK66 Rising
230
ns
15
t65
PDDACK#/SDDACK# Active From CLK66 Rising
2
20
ns
16
t66
PDDACK#/SDDACK# Inactive From CLK66 Rising
2
20
ns
t67
PDDREQ/SDDREQ Setup Time to CLK66 Rising
7
ns
16
t68
PDDREQ/SDDREQ Hold From CLK66 Rising
7
ns
16
t69
PDD[15:0]/SDD[15:0] Valid Delay From CLK66
Rising
2
30
ns
15, 16
t70
PDD[15:0]/SDD[15:0] Setup Time to CLK66 Rising
10
ns
15, 16
t71
PDD[15:0]/SDD[15:0] Hold From CLK66 Rising
7
ns
15, 16
t72
PIORDY/SIORDY Setup Time to CLK66 Rising
7
ns
1
15
t73
PIORDY/SIORDY Hold From CLK66 Rising
7
ns
1
15
NOTES:
1. IORDY is internally synchronized. This timing is to guarantee recognition on the next clock.
2. PIORDY sample point from DIOx# assertion and PDIOx# active pulse width is programmable from 2-5 PCI
clocks when the drive mode is Mode 2 or greater. Refer to the ISP field in the IDE Timing Register
3. PIORDY sample point from DIOx# assertion, PDIOx# active pulse width and PDIOx# inactive pulse width
cycle time is the compatible timing when the drive mode is Mode 0/1. Refer to the TIM0/1 field in the IDE
timing register.
4. PDIOx# inactive pulse width is programmable from 1-4 PCI clocks when the drive mode is Mode 2 or
greater. Refer to the RCT field in the IDE Timing Register.
Table 44. PCI Interface Timing (Sheet 2 of 2)
Sym
Parameter
Min
Max
Units
Notes
Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com