Electronic Components Datasheet Search
  English  ▼

X  

82801E Datasheet(PDF) 27 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82801E Datasheet HTML 23Page - Intel Corporation 82801E Datasheet HTML 24Page - Intel Corporation 82801E Datasheet HTML 25Page - Intel Corporation 82801E Datasheet HTML 26Page - Intel Corporation 82801E Datasheet HTML 27Page - Intel Corporation 82801E Datasheet HTML 28Page - Intel Corporation 82801E Datasheet HTML 29Page - Intel Corporation 82801E Datasheet HTML 30Page - Intel Corporation 82801E Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
27
FERR#
I
Numeric Coprocessor Error: This signal is tied to the coprocessor error
signal on the processor. FERR# is only used if the 82801E C-ICH
coprocessor error reporting function is enabled in the General Control
Register (Device 31:Function 0, Offset D0, bit 13). If FERR# is asserted, the
82801E C-ICH generates an internal IRQ13 to its interrupt controller unit. It is
also used to gate the IGNNE# signal to ensure that IGNNE# is not asserted to
the processor unless FERR# is active. FERR# requires an external weak
pull-up to ensure a high level when the coprocessor error function is disabled.
FRAME#
I/O
Cycle Frame: The current Initiator asserts FRAME# to indicate the beginning
and duration of a PCI transaction. While the initiator asserts FRAME#, data
transfers continue. When the initiator deasserts FRAME#, the transaction is in
the final data phase. FRAME# is an input to the 82801E C-ICH when the
82801E C-ICH is the target, and FRAME# is an output from the 82801E
C-ICH when the 82801E C-ICH is the Initiator. FRAME# remains tri-stated by
the 82801E C-ICH until driven by an Initiator.
FWH[3:0]
/LAD[3:0]
I/O
Firmware Hub Signals: These signals are muxed with LPC address signals.
FWH[4]
/LFRAME#
I/O
Firmware Hub Signals: This signal is muxed with the LPC LFRAME# signal.
GNT[3:0]#
GNT[5]#
/GNT[B]#
/GPIO[17]#
O
PCI Grants: The 82801E C-ICH supports up to four masters on the PCI bus.
GNT[5]# is muxed with PC/PCI GNT[B]# (must choose one or the other, but
not both). If not needed for PCI or PC/PCI, GNT[5]# can instead be used as a
GPIO.
Pull-up resistors are not required on these signals. If pullups are used, they
should be tied to the Vcc3_3 power rail. GNT[B]#/GNT[5]#/GPIO[17] has an
internal pull-up.
GNT[A]#
/GPIO[16]
/GNT[B]#
/GNT[5]#
/GPIO[17]
O
PC/PCI DMA Acknowledges [A:B]: This grant serializes an ISA-like DACK#
for the purpose of running DMA/ISA master cycles over the PCI bus. This is
used by devices such as PCI-based Super I/O or audio codecs which need to
perform legacy 8237 DMA but have no ISA bus.
When not used for PC/PCI, these signals can be used as General Purpose
Outputs. GNTB# can also be used as the fourth PCI bus master grant output.
These signal have internal pull-up resistors.
GPIO[1:0]
I
Fixed as Input only. Main Power Well. Can instead be used for PC/PCI
REQ[A:B]#. GPIO[1] can also alternatively be used for PCI REQ[5]#.
GPIO[3:2]
Not implemented.
GPIO[5:4]
I
Fixed as Input only. Main power well. Can be used instead as PIRQ[G:H]#.
GPIO[6]
I
Fixed as Input only. Main power well.
GPIO[7]
I
Fixed as Input only. Main power well. Not muxed.
GPIO[8]
I
Fixed as Input only. Main power well. Not muxed.
GPIO[10:9]
I
Not implemented.
GPIO[11]
I
Fixed as Input only. Main power well. Can instead be used for SMBALERT#.
GPIO[13:12]
I
Fixed as Input only. Main power well. Not muxed.
GPIO[15:14]
I
Not implemented.
GPIO[17:16]
O
Fixed as Output only. Main Power Well. Can instead be used for PC/PCI
GNT[A:B]#. GPIO[17] can also alternatively be used for PCI GNT[5]#.
Integrated pull-up resistor.
GPIO[20:18]
O
Fixed as Output only. Main power well.
GPIO[21]
O
Fixed as Output only. Main power well.
GPIO[22]
OD
Fixed as Output only. Main power well. Open-drain output.
GPIO[23]
O
Fixed as Output only. Main power well.
Table 6.
82801E C-ICH Signal Description (Sheet 3 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com