Electronic Components Datasheet Search
  English  ▼

X  

LP3710 Datasheet(PDF) 6 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3710
Description  Proto-Feedback Multiple Modular PWM Control chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3710 Datasheet(HTML) 6 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Back Button LP3710 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 10Page - Shenzhen Xinmao Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LP3710
原边反馈多模式 PWM 控制芯片
LP3710_CN_DS_Rev.1.0
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
内部结构框图
VCC
CS
COMP
Driver
OUT
FB
+
_
16V/7.5V
+
_
VCC OVP
28V
LEB
OCP
comparator
UVLO
PWM
comparator
Internal OTP
Vcsmax
Internal Bias &
VREF
GND
S
Q
R
CC
comparator
QRD
Time Out
Blanking Time
QRD
+
_
+
_
Σ
+
+
Slope
compensation
VSUM
CC
Protection
Protection
PG
2.5R
R
Max. Freq. / CCM /
Green Mode / Jitter
Valley
Detect
+
_
S/H
Gm
Buffer
Vref
Load
Compensation
CC Loop
FB
UVP
FB
图 3 LP3710 内部框图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com