Electronic Components Datasheet Search
  English  ▼

X  

LP3710 Datasheet(PDF) 11 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3710
Description  Proto-Feedback Multiple Modular PWM Control chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3710 Datasheet(HTML) 11 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Back Button LP3710 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 10Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 11Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 12Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 13Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LP3710
原边反馈多模式 PWM 控制芯片
LP3710_CN_DS_Rev.1.0
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
FB 短路保护
为了保护电路不受 FB pin 短路影响,电路内置
自动恢复型的 FB pin 短路保护装置。当 MOSFET
开通,FB pin 电压被箝位在 0 V。FB pin 电流被
使用于短路保护侦测。当 FB pin 短路经过四次
开关循环,FB 短路保护就会被触发。
门极钳位/软驱动
芯片
输出电压被钳位电路限制在 13.5V,此钳位
电路是为了预防过高的门极电压信号会造成
MOSFET 损坏。LP3710 另有软驱动功能来减少
EMI 干扰。
异常情况保护
多种电路保护功能如下:
. CS pin 浮接
. FB pin 短路 (Rb 短路)
. FB pin 开路 (Ra and Rb 开路)
. Ra 开路



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com