Electronic Components Datasheet Search
  English  ▼

X  

NCP5008 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5008
Description  Backlight LED Boost Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5008 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5008 Datasheet HTML 1Page - ON Semiconductor NCP5008 Datasheet HTML 2Page - ON Semiconductor NCP5008 Datasheet HTML 3Page - ON Semiconductor NCP5008 Datasheet HTML 4Page - ON Semiconductor NCP5008 Datasheet HTML 5Page - ON Semiconductor NCP5008 Datasheet HTML 6Page - ON Semiconductor NCP5008 Datasheet HTML 7Page - ON Semiconductor NCP5008 Datasheet HTML 8Page - ON Semiconductor NCP5008 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP5008, NCP5009
http://onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply
Vbat, VBIAS
7.0
V
Output Power Supply Voltage Compliance
VL2
16
V
Digital Input Voltage
Digital Input Current
CLK, CS
−0.3
tV tVbat + 3.0 V
1.0
V
mA
Human Body Model: R = 1500
W, C = 100 pF
ESD
"2.0
kV
Machine Model
ESD
"200
V
Micro 10 Package
Power Dissipation @ TA = +85°C
Thermal Resistance Junction−to−Air
PD
RThja
200
200
mW
°C/W
Operating Ambient Temperature Range
TA
−25 to +85
°C
Operating Junction Temperature Range
TJ
−25 to +125
°C
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute maximum−rated conditions is not implied. Functional
operation should be restricted to the Recommended Operating Conditions.
POWER SUPPLY SECTION (−25
°C to +85°C ambient temperature, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
Power Supply
10
Vbat
2.7
−
6.0
V
Power Supply Threshold Start Up Voltage
10
VbatThr
−
2.3
2.7
V
Output Load Voltage Compliance
8
Vout
−
−
15.0
V
Pulsed Current Regulation Range
8
Iout
0
−
400
mA
Continuous DC Current in the Load
8
Iout
−
−
75
mA
Output Pulsed Current Tolerance @ Vbat = 3.6 V, L1 = 22 mH/0.71 W,
Rref "1%, ILED = 20 mA (Note 1)
8
Iout
−
"5.0
−
%
Output Leakage @ LOCAL = 0, CS = H, Vout = 15 V, Vbat = 6.0 V
8
Iout
−
−
500
nA
Standby Current @ Iout = 0 mA, CS = H, CLK = H, Vbat = VBIAS = 3.6 V
10
Istdb
−
3.0
−
mA
Standby Current @ Iout = 0 mA, CS = H, CLK = H, Vbat = VBIAS = 6.0 V
10
Istdb
−
−
10
mA
Operating Current @ Vbat = VBIAS = 3.6 V, Iref = 30 mA, CLK = H, CS = L,
LOCAL = Open
10
Iope
−
600
−
mA
Boost Internal Oscillator Clock @ L1 = 22
mH, Vbat = VBIAS = 3.6 V,
Iout = 20 mA (Vout = 14 V)
−
Fosc
−
300
−
kHz
1. The tolerance refers to the 20 mA to 70 mA current range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com