Electronic Components Datasheet Search
  English  ▼

X  

NCP5008 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5008
Description  Backlight LED Boost Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5008 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5008 Datasheet HTML 5Page - ON Semiconductor NCP5008 Datasheet HTML 6Page - ON Semiconductor NCP5008 Datasheet HTML 7Page - ON Semiconductor NCP5008 Datasheet HTML 8Page - ON Semiconductor NCP5008 Datasheet HTML 9Page - ON Semiconductor NCP5008 Datasheet HTML 10Page - ON Semiconductor NCP5008 Datasheet HTML 11Page - ON Semiconductor NCP5008 Datasheet HTML 12Page - ON Semiconductor NCP5008 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP5008, NCP5009
http://onsemi.com
9
70
75
80
85
90
95
100
010
20
30
40
50
60
70
Vbat = 6.0 V
ILED (mA)
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
ILED (mA)
50
55
60
65
70
75
80
0
5
10
15
20
25
30
35
ILED (mA)
85
Figure 13. Efficiency vs. Load Current @ 4 LEDS
(Vload = 4*Vf ⇒ 14.2 V)
Figure 14. Efficiency vs. Load Current @ 3 LEDS
(Vload = 3*Vf ⇒ 10.5 V)
Figure 15. Efficiency vs Load Current @ 2 LEDS
(Vload = 2*Vf ⇒ 7.1 V)
Figure 16. Efficiency vs Load Current @ 4 LEDS
(Vload = 2 strings of 2 LEDs in series = 7.1 V)
50
55
60
65
70
75
80
0
5
10
15
20
25
30
35
Vbat = 3.6 V
Vbat = 4.2 V
Vbat = 3.0 V
ILED (mA)
5.0 V
4.2 V
3.6 V
3.0 V
Vbat = 3.6 V
Vbat = 4.2 V
Vbat = 3.0 V
Vbat = 3.6 V
Vbat = 4.2 V
Vbat = 3.0 V
TYPICAL OPERATING CHARACTERISTICS
Condition: Typical Application: L = 22
mH, Cin = 10 mF, Cout = 2.2 mF, R1 = 30 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com