Electronic Components Datasheet Search
  English  ▼

X  

NCP5008 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5008
Description  Backlight LED Boost Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5008 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5008 Datasheet HTML 1Page - ON Semiconductor NCP5008 Datasheet HTML 2Page - ON Semiconductor NCP5008 Datasheet HTML 3Page - ON Semiconductor NCP5008 Datasheet HTML 4Page - ON Semiconductor NCP5008 Datasheet HTML 5Page - ON Semiconductor NCP5008 Datasheet HTML 6Page - ON Semiconductor NCP5008 Datasheet HTML 7Page - ON Semiconductor NCP5008 Datasheet HTML 8Page - ON Semiconductor NCP5008 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP5008, NCP5009
http://onsemi.com
4
Table 1. Shift Register Bits Assignment and Functions
SetReg shift register (Note: The register content is latched upon CS positive going).
B7
B6
B5
B4
B3
B2
B1
Bn Value
After POR
0
0
0
0
0
0
0
Iout Peak (mA)
Iref*k*7.5
Iref*k*6.5
Iref*k*5.5
Iref*k*4.5
Iref*k*3.5
Iref*k*2.5
Iref*k*1.5
LOCAL
CLOCK
CS
B1−B7
Output Current
L
X
H
X
0
L
X
L
X
Iref * k
H or Open
X
H
No Change
Iref * k * (Bn + 0.5)
H or Open
↓
L
No Change
Iref * k * (Bn + 0.5)
H or Open
↑
L
Qdata → Bn
Iref * k * (Bn + 0.5)
The register is clear to zero during the first 20 ns following the CS falling edge.
Note:
Coefficient Value (internal ratio): k = 746
Maximum output peak current @ B7 = 1 and Iphoto = 0
mA :Iout peak = Iref * (7 + 0.5) * 746 = Iref * 5595
Iref +
Vref
R1
+ 1.24 V
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com