Electronic Components Datasheet Search
  English  ▼

X  

NCP5008 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP5008
Description  Backlight LED Boost Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5008 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP5008 Datasheet HTML 10Page - ON Semiconductor NCP5008 Datasheet HTML 11Page - ON Semiconductor NCP5008 Datasheet HTML 12Page - ON Semiconductor NCP5008 Datasheet HTML 13Page - ON Semiconductor NCP5008 Datasheet HTML 14Page - ON Semiconductor NCP5008 Datasheet HTML 15Page - ON Semiconductor NCP5008 Datasheet HTML 16Page - ON Semiconductor NCP5008 Datasheet HTML 17Page - ON Semiconductor NCP5008 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
NCP5008, NCP5009
http://onsemi.com
14
Output Load Drive
In order to make profit of the built−in Boost capabilities,
one shall operate the NCP5008/NCP5009 in the continuous
output current mode. Such a mode is achieved by using and
external reservoir capacitor (preferably a low ESR ceramic
type) across the LED as depicted in Figures 22, 23, 24, 25,
and 26.
Using an extra photo sensor is not mandatory and the
related pin 2 can be either left open or connected to Vbat,
but must not be grounded on the NCP5009 version only.
At this point, the designer must carefully analyze two
parameters:
1. The output voltage must be limited to 15 V
maximum. It’s the designer responsibility to
make sure that spike voltages beyond the
maximum rating will not exist across pin 8 and
ground. Depending upon a specific application
(Vbat voltage, PCB layout…), using an external
voltage clamp could be necessary.
2. The peak current flowing into the LED diodes
shall be within the maximum ratings specified for
these devices.
The Schottky diode D5, associated with capacitor C2,
provides a rectification and filtering function.
When a pulse−operating mode is acceptable:
• The LEDs brightness can be controlled in LOCAL
mode with a PWM on CS pin as depicted in Figure 24.
• Or the Schottky can be removed and replaced by at
least one LED diode as depicted in Figure 23.
TYPICAL APPLICATION CIRCUIT
Figure 22. Basic DC Current Mode Operation in REMOTE Control
Iref
PHOTO
L2
CS
CLK
1
2
Q1
NPN−PHOTO
GND
4
Vbat
3
5
6
LOCAL
GND
7
4
8
GND
L1
9
Vbat
10
R1
30 k
GND
Vcc
GND
NCP5009
L1
22
mH
Vbat
C1
10
mF/6.3 V
GND
D5
MBR0520
LED
D1
LED
D2
LED
D3
LED
D4
2.2
mF/16 V
C2
GND
U1
VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com