Electronic Components Datasheet Search
  English  ▼

X  

GS12090 Datasheet(PDF) 47 Page - Semtech Corporation

Part # GS12090
Description  Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12090 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button GS12090 Datasheet HTML 43Page - Semtech Corporation GS12090 Datasheet HTML 44Page - Semtech Corporation GS12090 Datasheet HTML 45Page - Semtech Corporation GS12090 Datasheet HTML 46Page - Semtech Corporation GS12090 Datasheet HTML 47Page - Semtech Corporation GS12090 Datasheet HTML 48Page - Semtech Corporation GS12090 Datasheet HTML 49Page - Semtech Corporation GS12090 Datasheet HTML 50Page - Semtech Corporation GS12090 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
GS12090
Final Data Sheet
Rev.9
PDS-061188
November 2018
47 of 121
Semtech
Proprietary & Confidential
www.semtech.com
4.8 Output Drivers
The GS12090 features two independent output drivers (see Figure 3-2 and Figure 3-3),
with data and PRBS Generators available on both outputs. The two drivers provide
highly-configurable amplitude and pre-emphasis control. The Cable Driver output on
SDIO can compensate for significant loss between the device output and BNC. The Trace
Driver, DDO, can compensate for up 15dB of insertion loss at 5.94GHz. This can represent
up to 20" of compensation at 12G for typical micro-strip and strip-line routing. In normal
operation, re-timed and bypassed data is available at both outputs. The signal on the
outputs can be inverted to help with signal polarity when layout requires trace
inversion. The PRBS Generator is available at both outputs. The LOS (Loss Of Signal)
status from the equalizer stage can be used to automatically mute or disable the
outputs on their assertion. The Loss Of Lock status from the CDR block can be used to
mute the outputs. The Cable Driver is always disabled during sleep, while the Trace
Driver can be configured to mute or disable during sleep. The sleep control modes takes
precedence over the manual or automatic LOS and Loss of Lock output control modes.
Note: The <n> in the control parameter names refers to the output number. Output 0 is
the cable driver output SDIO and output 1 is the trace driver output DDO.
4.8.1 Bypassed Re-timer Signal Output Control
With the default power-up settings, the GS12090 outputs will automatically switch to
the bypassed signal (non-re-timed) whenever the PLL is unlocked. Alternatively, manual
re-timer bypass may be configured by setting the
CTRL_OUTPUT<n>_RETIMER_AUTO_BYPASS and
CTRL_OUTPUT<n>_RETIMER_MANUAL_BYPASS parameters in register 0x4C to 0b
and 1b respectively via the host interface, in which case the PLL will remain bypassed for
all rates.
The re-timer bypass function, manual or automatic, does not affect the input
equalization function of the device.
If the GS12090 is in Cable Driver Mode, and loop-back is not enabled, then setting SDIO
to manual bypass will power-down the CDR block and features of the re-timer such as
rate detect and lock detect will no longer be accessible in this mode. The same is true if
the GS12090 is in Cable Equalizer Mode and DDO is set to manual bypass.
4.8.2 Output Driver Polarity Inversion
While in Data Mode, the signal polarity may be inverted at the outputs through the
CTRL_OUTPUT<n>_DATA_INVERT parameters in register 0x48. This may be useful to
compensate for an inverted upstream signal or to facilitate board signal routing. To
invert the polarity of either of the two output drivers, write 1b to control parameter
CTRL_OUTPUT<n>_DATA_INVERT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com