Electronic Components Datasheet Search
  English  ▼

X  

GS12090 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS12090
Description  Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12090 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS12090 Datasheet HTML 9Page - Semtech Corporation GS12090 Datasheet HTML 10Page - Semtech Corporation GS12090 Datasheet HTML 11Page - Semtech Corporation GS12090 Datasheet HTML 12Page - Semtech Corporation GS12090 Datasheet HTML 13Page - Semtech Corporation GS12090 Datasheet HTML 14Page - Semtech Corporation GS12090 Datasheet HTML 15Page - Semtech Corporation GS12090 Datasheet HTML 16Page - Semtech Corporation GS12090 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
GS12090
Final Data Sheet
Rev.9
PDS-061188
November 2018
13 of 121
Semtech
Proprietary & Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_DDI, VCC_CORE, VDD = +1.8V ±5% and VCCO_0, VCCO_1 = +2.5V ±5%, TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Bi-Directional Characteristics (Applicable to Both Modes)
Serial Input Data Rate
DRDDI, DRSDIO
—
0.001
—
11.88
Gb/s
12
Return Loss
5MHz to 1.485GHz
—
—
-17
dB
1
1.485GHz to 2.97GHz
—
—
-12
dB
1
2.97GHz to 5.94GHz
—
—
-8
dB
1
5.94GHz to 11.88GHz
—
—
-5
dB
1
PLL Loop Bandwidth (for 0.2UI
jitter and 50% edge density)
BWLOOP(125Mb/s)
Setting 0.0625x
—
5
—
kHz
5
Setting 0.125x
—
10
—
kHz
5
Setting 0.25x
—
19
—
kHz
5
Setting 0.5x (Default)
—
38
—
kHz
5
Setting 1.0x
—
75
—
kHz
5
BWLOOP(270Mb/s)
Setting 0.0625x
—
10
—
kHz
5
Setting 0.125x
—
20
—
kHz
5
Setting 0.25x
—
40
—
kHz
5
Setting 0.5x
—
80
—
kHz
5
Setting 1.0x (Default)
—
158
—
kHz
5
BWLOOP(1.485Gb/s)
Setting 0.0625x
—
55
—
kHz
5
Setting 0.125x
—
110
—
kHz
5
Setting 0.25x
—
220
—
kHz
5
Setting 0.5x (Default)
—
438
—
kHz
5
Setting 1.0x
—
875
—
kHz
5
BWLOOP(2.97Gb/s)
Setting 0.0625x
—
110
—
kHz
5
Setting 0.125x
—
220
—
kHz
5
Setting 0.25x
—
440
—
kHz
5
Setting 0.5x (Default)
—
0.88
—
MHz
5
Setting 1.0x
—
1.75
—
MHz
5
BWLOOP(5.94Gb/s)
Setting 0.0625x
—
220
—
kHz
5
Setting 0.125x
—
440
—
kHz
5
Setting 0.25x
—
0.88
—
MHz
5
Setting 0.5x (Default)
—
1.75
—
MHz
5
Setting 1.0x
—
3.5
—
MHz
5
BWLOOP(11.88Gb/s)
Setting 0.0625x
—
440
—
kHz
5
Setting 0.125x
—
0.88
—
MHz
5
Setting 0.25x
—
1.75
—
MHz
5
Setting 0.5x (Default)
—
3.5
—
MHz
5
Setting 1.0x
—
7.0
—
MHz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com