Electronic Components Datasheet Search
  English  ▼

X  

GS12090 Datasheet(PDF) 80 Page - Semtech Corporation

Part # GS12090
Description  Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12090 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button GS12090 Datasheet HTML 76Page - Semtech Corporation GS12090 Datasheet HTML 77Page - Semtech Corporation GS12090 Datasheet HTML 78Page - Semtech Corporation GS12090 Datasheet HTML 79Page - Semtech Corporation GS12090 Datasheet HTML 80Page - Semtech Corporation GS12090 Datasheet HTML 81Page - Semtech Corporation GS12090 Datasheet HTML 82Page - Semtech Corporation GS12090 Datasheet HTML 83Page - Semtech Corporation GS12090 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 121 page
background image
GS12090
Final Data Sheet
Rev.9
PDS-061188
November 2018
80 of 121
Semtech
Proprietary & Confidential
www.semtech.com
3
CONTROL_
SLEEP
RSVD
15:2
R/W
0
Reserved—do not modify.
CTRL_MANUAL_SLEEP
1
R/W
0
Sleep manual mode control:
0 = Never Sleep
1 = Always Sleep
Controls sleep mode when auto sleep
(CTRL_AUTO_SLEEP) is disabled.
CTRL_AUTO_SLEEP
0
R/W
1
Sleep auto mode control:
0 = Disable auto sleep mode
1 = Enable auto sleep mode
If CTRL_AUTO_SLEEP = 0 (manual sleep
mode), then CTRL_MANUAL_SLEEP
controls sleep.
If CTRL_AUTO_SLEEP = 1 (auto sleep
mode), sleep is automatically entered
on loss of signal.
4
MISC_CNTRL
RSVD
15:1
R/W
0
Reserved—do not modify.
CTRL_CLEAR_COUNTS
0
R/W
0
Clear sticky counts control register.
0 = no action
1 = clear sticky counts.
Part of a four way handshake with
STAT_CLEAR_COUNTS_STATUS. See
Section 4.10.11 for more details on
implementing the four way handshake
for this operation.
5
MISC_CFG
RSVD
15:5
R/W
0
Reserved—do not modify.
CFG_TRDR_MUTE_
WHEN_CABLE_DRIVER
4R/W
0
Controls whether Trace Driver (DDO) is
muted or disabled when GS12090
bi-directional part is in Cable Driver
Mode and CTRL_LOOPBACK_ENA = 0:
0 = Disable (power-down)
1 = Mute
CFG_SLEEP_OUTPUT1_
MUTE
3R/W
0
Controls whether Trace Driver (DDO) is
muted or disabled (powered-down)
during sleep:
0 = Disable (power-down) output
during sleep
1 = mute output during sleep
RSVD
2:0
R/W
1
Reserved—do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com