Electronic Components Datasheet Search
  English  ▼

X  

GS12090 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS12090
Description  Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12090 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS12090 Datasheet HTML 45Page - Semtech Corporation GS12090 Datasheet HTML 46Page - Semtech Corporation GS12090 Datasheet HTML 47Page - Semtech Corporation GS12090 Datasheet HTML 48Page - Semtech Corporation GS12090 Datasheet HTML 49Page - Semtech Corporation GS12090 Datasheet HTML 50Page - Semtech Corporation GS12090 Datasheet HTML 51Page - Semtech Corporation GS12090 Datasheet HTML 52Page - Semtech Corporation GS12090 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
GS12090
Final Data Sheet
Rev.9
PDS-061188
November 2018
49 of 121
Semtech
Proprietary & Confidential
www.semtech.com
4.8.4 Amplitude and Pre-Emphasis Control
The two output drivers offer very granular amplitude and pre-emphasis control. For
optimal loss compensation, both the pre-emphasis pulse amplitude and the
pre-emphasis pulse width can be independently configured on both output drivers.
This extra flexibility provides a mechanism to better shape the pre-emphasis gain to
match the frequency loss response of interconnect composed of trace, connector and
via losses. The swing and pre-emphasis can be independently configured for specific
data rates.
Note: Output 0 references the Cable Driver, and Output 1 references the Trace Driver.
The output swing on the Cable Driver can be configured for the following three rate
groups:
CFG_OUTPUT0_CD_SD_DRIVER_SWING (MADI and SD)
CFG_OUTPUT0_CD_HD_DRIVER_SWING (HD and 3G)
CFG_OUTPUT0_CD_UHD_DRIVER_SWING (6G and 12G)
The output pre-emphasis on the Cable Driver can be configured for the following two
rate groups:
CFG_OUTPUT0_CD_HD_PREEMPH_WIDTH (HD and 3G)
CFG_OUTPUT0_CD_HD_PREEMPH_AMPL (HD and 3G)
CFG_OUTPUT0_CD_UHD_PREEMPH_WIDTH (6G and 12G)
CFG_OUTPUT0_CD_UHD_PREEMPH_AMPL (6G and 12G)
The output driver swing and pre-emphasis will use the rate specific swing configuration
when the CDR is locked to that rate. The default swing setting is ~800mVpp single-ended
into an external 75Ω load, and is adjustable in each of the output swing parameters
listed above. The Cable Driver supply is pin 25 (VCCO_0) and should be connected to a
2.5V supply. The default pre-emphasis settings provide minimal insertion loss
compensation.
The Trace Driver amplitude can be configured to use the same swing for all rates, or
similarly to the Cable Driver, can have a specific swing for each rate.
The following registers allow a per rate swing to be configured for 5 rates:
CFG_OUTPUT1_TD_SD_DRIVER_SWING (SD)
CFG_OUTPUT1_TD_HD_DRIVER_SWING (HD)
CFG_OUTPUT1_TD_3G_DRIVER_SWING (3G)
CFG_OUTPUT1_TD_6G_DRIVER_SWING (6G)
CFG_OUTPUT1_TD_12G_DRIVER_SWING (12G)
The output pre-emphasis on the Trace Driver can be configured for the following five
rates:
CFG_OUTPUT1_TD_SD_PREEMPH_WIDTH (SD)
CFG_OUTPUT1_TD_SD_PREEMPH_AMPL (SD)
CFG_OUTPUT1_TD_HD_PREEMPH_WIDTH (HD)
CFG_OUTPUT1_TD_HD_PREEMPH_AMPL (HD)
CFG_OUTPUT1_TD_3G_PREEMPH_WIDTH (3G)
CFG_OUTPUT1_TD_3G_PREEMPH_AMPL (3G)
CFG_OUTPUT1_TD_6G_PREEMPH_WIDTH (6G)
CFG_OUTPUT1_TD_6G_PREEMPH_AMPL (6G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com