Electronic Components Datasheet Search
  English  ▼

X  

698A Datasheet(PDF) 2 Page - MKS Instruments.

Part # 698A
Description  High Accuracy Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

698A Datasheet(HTML) 2 Page - MKS Instruments.

  698A Datasheet HTML 1Page - MKS Instruments. 698A Datasheet HTML 2Page - MKS Instruments. 698A Datasheet HTML 3Page - MKS Instruments. 698A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S = Standard accuracy for particular range/calibration. O = Optional accuracy for particular range/calibration.
Notes:
(1) 0.15% of Reading and 0.25% of Reading accuracies on 698 sensors are for bidirectional calibrations.
(2) For differential sensors: overpressure limits specified in above table are only for Px > Pr. For reverse overpressure (Pr > Px) on differential sensors, overpressure limit is 125% of F.S.
690A
11T
C
11T
R
C
Pressure
ranges
(mmHg F.S.)
resolution
(of F.S.)
Accuracy
% of rdg.
(± temp. coeff.)
Useable
Measurement
range
(F.S. to)
Temp.
Coefficients
Volume
(cc)
Maximum
Over-
pressure
Maximum
line
Pressure
Operating
Temperature
range (°C)
Materials Exposed
to gases
Fittings
Px
Pr
Zero
(F.S.°C)
Span
(Rdg. °C)
Px
Pr
0.1
1 x 10-6
S: 0.12%
2-3 x 10-5
30 ppm
100 ppm
2.5
N/A
40 psia
N/A
15° - 40°C
Inconel,
Stainless
Steel
N/A
Swagelok®
4 VCR®
O: 0.08%
1 x 10-5
30 ppm
100 ppm
1
10
100
1000
1 x 10-6
S: 0.12%
2-3 x 10-5
15 ppm
20 ppm
2.5
N/A
45 psia
N/A
temperature
regulated
at 45°C
O: 0.08%
1 x 10-5
4 ppm
20 ppm
O: 0.05%
1 x 10-5
4 ppm
20 ppm
5000
10000
15000
20000
25000
1 x 10-6
S: 0.12%
O: 0.08%
2-3 x 10-5
1 x 10-5
15 ppm
20 ppm
14
N/A
125% F.S.
N/A
4 ppm
20 ppm
0.1
1 x 10-6
S:0.12%
2-3 x 10-5
30 ppm
100 ppm
3.5
25
40 psid2)
150 psig
15° - 40°C
Inconel,
Stainless
Steel
Inconel,
Stainless
Steel,
Alumina,
Palladium
Glass
Swagelok
4 VCR
O: 0.08%
1 x 10-5
30 ppm
100 ppm
1
10
100
1000
1 x 10-6
S: 0.12%
2-3 x 10-5
15 ppm
20 ppm
O: 0.15%(1)
1 x 10-5
4 ppm
20 ppm
3.5
25
45 psid(2)
150 psig
temperature
regulated
at 45°C
S: 0.25%
1 x 10-5
4 ppm
20 ppm
O: 0.08%
1 x 10-5
4 ppm
20 ppm
O: 0.05%
1 x 10-5
4 ppm
20 ppm
698A Differential
690A Absolute
MKS
BArATrOn
C
l
Dimensional Drawing —
690 and 698
Note: Unless otherwise specified, dimensions are
nominal values in inches (mm referenced).
R
698A
698A Ordering Code Example: 698A11TrC
Code
Configuration
698 differential Pressure Sensor
698A
Pressure range (mmHg)
0.1 mmHg
.1T
1 mmHg
01T
10 mmHg
11T
100 mmHg
12T
1000 mmHg
13T
Fittings
Swagelok 4 VCR female
R
Accuracy
Unidirectional Calibration
±0.12% of Reading
C
±0.08% of Reading
B
±0.05% of Reading (1-1000 mmHg ranges only)
A
Bidirectional Calibration
±0.25% of Reading (1-1000 mmHg ranges only)
E
±0.15% of Reading (1-1000 mmHg ranges only)
D
Ordering Information
690A Ordering Code Example: 690A11TrC
Code
Configuration
690 Absolute Pressure Sensor
690A
Pressure range (mmHg)
0.1 mmHg (690 only)
.1T
1 mmHg
01T
10 mmHg
11T
100 mmHg
12T
1000 mmHg
13T
5000 mmHg
53T
10,000 mmHg
14T
15,000 mmHg
RBT
20,000 mmHg
24T
25,000 mmHg
RCT
Fittings
Swagelok 4 VCR female
R
Accuracy
±0.12% of Reading
C
±0.08% of Reading
B
±0.05% of Reading (1-1000 mmHg ranges)
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com