Electronic Components Datasheet Search
  English  ▼

X  

698A Datasheet(PDF) 4 Page - MKS Instruments.

Part # 698A
Description  High Accuracy Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

698A Datasheet(HTML) 4 Page - MKS Instruments.

  698A Datasheet HTML 1Page - MKS Instruments. 698A Datasheet HTML 2Page - MKS Instruments. 698A Datasheet HTML 3Page - MKS Instruments. 698A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Accessories
High Accuracy - 1/18
© 2009-2018 MKS Instruments, Inc.
All rights reserved.
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and local
government export licenses under ECCN 2B230.
Specifications are subject to change without notice. mksinst™ is a trademark and Baratron® is a registered trademark of MKS
Instruments, Inc., Andover, MA. Swagelok® and VCR® are registered trademarks of Swagelok Marketing Co., Solon, OH.
Inconel® is a registered trademark of Inco Alloys International, Inc., Huntington, WV.
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350
Isolation Valves
To decrease the frequency
of zero adjustment, it is
recommended that a simple
manual or air-actuated bellows-
type isolation valve, such as
MKS Part No. 108818 (NC11
Cleaned), be installed between
a low range absolute sensor head and the processing
system.
Bellows Adapters
Frequently it is desirable,
because of mechanical
configuration or system vibration,
to attach the Baratron sensor
to the processing system using
flexible bellows couplings. All
flexible tubing is 321 stainless
steel, 1/4” diameter, and available in 6” and 12” active
bellows lengths. The use of flexible bellows minimizes
thermal expansion effects on sensor zero induced by hard
plumbing to the system.
Rack Mounts
The RM-6 Rack Mount Kit is used to adapt any half-rack
instrument (3 1/2” x 9 1/2”) to full-rack size (3 1/2” x 19”).
274B Three-channel Sensor Multiplexer
The 274B provides operation
of one, two, or three high
accuracy sensors with a single
670 Electronics Unit. The 274B
provides heater power for
temperature-controlled sensors
(690, 698). All sensors are kept
warmed up and ready for reading by the 670. The 670 can
sequentially read any one of the sensors, as selected by
a switch on the 670’s front panel, or by a remote ground
closure.
Cable Information
670B or 274B Sensor
RCB270S-2-10 (10ft, shielded)
to 690A or 698A Sensors
(also works for older 390, 398, 590, 690 and 698)
RCB270S-2-20 (20ft, shielded)
For cables longer than 20 ft, Consult Factory.
274B
274B Ordering Information
Ordering Code Example: 274B
Code
Configuration
274B
274B
Three-Channel Sensor Multiplexer



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com