Electronic Components Datasheet Search
  English  ▼

X  

698A Datasheet(PDF) 1 Page - MKS Instruments.

Part # 698A
Description  High Accuracy Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

698A Datasheet(HTML) 1 Page - MKS Instruments.

  698A Datasheet HTML 1Page - MKS Instruments. 698A Datasheet HTML 2Page - MKS Instruments. 698A Datasheet HTML 3Page - MKS Instruments. 698A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Accuracy
Systems
690A And 698A SEnSOrS
670B SignAl COndiTiOnEr
The High Accuracy Baratron® Pressure Measurement Systems combine advanced
capacitance diaphragm sensor technology and solid state electronics with the features
demanded by today’s process and metrology engineers to make precision pressure
measurement easy – whether on the production line or in the research or metrology
laboratory. If your principal concern is accurate pressure measurement, or you need to
measure pressure over a very wide range, the High Accuracy Systems are ideal solutions.
Long considered standards of pressure measurement in both industry and research, high
accuracy Baratron systems are completely modular with a full selection of pressure ranges,
levels of accuracy, options, and accessories that ensure there is a system exactly right for
your application.
690A/698A
Features & Benefits
• Excellentthermalstabilitydueto
extremely low temperature coefficients
• Highestaccuracypressuremeasurement
instruments available
• Designedforusewith670BSignal
Conditioner
• IdealforcalibrationTransferStandards
• Sixdecadesofmeasurementoften
eliminates several transducers with limited
resolution
690A Absolute
698A Differential
All high-accuracy sensors are single-ended
dual-electrode/AC bridge devices that are
extremely stable and designed to minimize
the effect of temperature changes. They
measure pressure from 25,000 mmHg
(500 psi) to 10-5 mmHg, with accuracies
ranging from 0.25% to 0.05% of Reading.
Models are available in absolute and
differential configurations, and bakeable
versions are offered for use in ultrahigh
vacuum or high temperature applications.
They are constructed of Inconel® and
stainless steel, allowing use with many wet,
dirty, or corrosive gases. The 690 and 698
are designed for high accuracy pressure
measurements in process or metrology
environments. By incorporating temperature
control into the head, the accuracy is
improved to as high as 0.05% of Rdg. The
690 absolute and 698 differential operate at
45°C.


Similar Part No. - 698A

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
698A-SERIES EDAC-698A-SERIES Datasheet
320Kb / 1P
698A Series USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106-162-211 EDAC-698A106-162-211 Datasheet
320Kb / 1P
698A Series USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106-162-211 EDAC-698A106-162-211 Datasheet
94Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106W182-611 EDAC-698A106W182-611 Datasheet
320Kb / 1P
698A Series USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106W182-611 EDAC-698A106W182-611 Datasheet
96Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
More results

Similar Description - 698A

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2005 ELANTEC-EL2005 Datasheet
244Kb / 12P
High Accuracy Fast Buffer
logo
LEM
IT150-S LEM-IT150-S Datasheet
67Kb / 2P
HIGH ACCURACY CURRENT TRANSDUCER
logo
Analog Devices
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
Micropower, High Accuracy
REV. 0
ADR4520 AD-ADR4520 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
High Accuracy Instrumentation Amplifier
Rev. E
logo
IET Labs Inc.
1693 IET-1693 Datasheet
1Mb / 3P
High-Accuracy Impedance Bridge
09-20-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com