Electronic Components Datasheet Search
  English  ▼

X  

698A Datasheet(PDF) 3 Page - MKS Instruments.

Part # 698A
Description  High Accuracy Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

698A Datasheet(HTML) 3 Page - MKS Instruments.

  698A Datasheet HTML 1Page - MKS Instruments. 698A Datasheet HTML 2Page - MKS Instruments. 698A Datasheet HTML 3Page - MKS Instruments. 698A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
670B Electronics/Display Unit
The 670B Display Unit has a front
panel that allows for full control
of all the instrument’s features.
All functions can be monitored
and controlled via the RS-232
or IEEE-488 interface. Range
switching may be done manually
or automatically with the 670B,
selecting the lowest possible on-scale range. A key-lock
switch on the front panel determines Local or Remote
control. The 670B may be used with any sensor Full Scale
and will display pressure in any one of 12 engineering
units. Sensor response time may be set for 1, 40, or 400
msec, and a data averaging feature allows the user to
average signals from 0.1 to 10 seconds, to optimize the
pressure readings for transients or noisy pressures.
Compatible Sensors & ranges
690 and 698 from 0.1 to 25,000 mmHg (Torr) F.S.
display
2-line LCD, readings updated twice/second
Resolution
3½, 4½, or 5½ digits, user-selectable (Note: Useable system resolution depends
upon sensor choice and application.)
Engineering Units
Torr, mTorr, mmHg, mbar, Pa, kPa, inHg, inH
20, cmH20, psi, % of F.S., ppm of
F.S. (All user-selectable)
ranges
x1, x0.1, x0.01 of sensor F.S., manual or auto-ranging
response Time
1, 40, or 400 msec, user-selectable
data Averaging
0.1 to 10 sec, user-selectable
Outputs
Analog
0 to ±10 VDC on each range into >10K
Ω load
Impedance
<1
Connectors
I/O: 37-pin female Type “D”, Remote signal: 9-pin male Type “D”
Digital
RS-232 Connector
9-pin male Type “D”
IEEE-488 Connector
24-pin female IEEE-488. 1 standard pin assignment.
Process Trip Point relays
Two, 24 VAC/DC @ 1 Amp resistive (contact ratings)
Two LEDs on front panel indicate status of each relay
Operating Temperature range
15° to 40° C
Power required
90-132 or 180-264 VAC, 50-60 Hz, 75 VA (max.) IEC-AC power line connector
Size
88 mm H x 240 mm W x 234 mm D (3.5” H x 9.5” W x 9.25” D)
670B Specifications
670B Features & Benefits
• Microprocessor-basedelectronicsunitprovidespower,
signal conditioning, and display for operating all High
Accuracy Baratron pressure sensors
• Analoganddigitalinput/outputsignalsfacilitate
interfacing to computers and process control systems
• Twobuilt-inalarmrelaysprovideprocesspressuretrip
points
D21
670B
670B Ordering Information
Ordering Code Example: 670Bxyz
Code
Configuration
670B Electronics/display Unit 670B
interface (xyz)
RS-232
D21
IEEE-488
D81



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com