Electronic Components Datasheet Search
  English  ▼

X  

GS6150 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS6150
Description  GS6150 Multi-Rate 6G UHD-SDI Reclocker
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6150 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS6150 Datasheet HTML 35Page - Semtech Corporation GS6150 Datasheet HTML 36Page - Semtech Corporation GS6150 Datasheet HTML 37Page - Semtech Corporation GS6150 Datasheet HTML 38Page - Semtech Corporation GS6150 Datasheet HTML 39Page - Semtech Corporation GS6150 Datasheet HTML 40Page - Semtech Corporation GS6150 Datasheet HTML 41Page - Semtech Corporation GS6150 Datasheet HTML 42Page - Semtech Corporation GS6150 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
GS6150
Final Data Sheet
Rev.2
PDS-060127
March 2015
39 of 64
Proprietary & Confidential
www.semtech.com
2. Write to Unit Address 0 selecting HOST_CONFIG (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 0 and the DEVICE_UNIT_ADDRESS field set to a
unique Unit Address. This configures DEVICE_UNIT_ADDRESS for the first device in
the chain. Each subsequent such write to Unit Address 0 will configure the next
device in the chain. If there are 32 devices in a chain, the last (32nd) device in the
chain must use DEVICE_UNIT_ADDRESS value 0.
3. Repeat step 2 using new, unique values for the DEVICE_UNIT_ADDRESS field in
HOST_CONFIG until all devices in the chain have been configured with their own
unique Unit Address value.
Note: tcmd_GSPI_conf delay must be observed after every write that modifies
HOST_CONFIG.
All connected devices receive this command (by default the Unit Address of all devices
is 0), and the Loop-Through operation will be re-established for all connected devices.
Once configured, each device will only respond to Command Words with a
UNIT ADDRESS field matching the DEVICE_UNIT_ADDRESS in HOST_CONFIG
Note: Although the Loop-Through and Bus-Through configurations are compatible
with previous generation GSPI enabled devices (backward compatibility), only devices
supporting Unit Addressing can share a chip select. All devices on any single chip select
must be connected in a contiguous chain with only the last device's SDOUT connected
to the application host processor. Multiple chains configured in Bus-Through mode can
have their final SDOUT outputs connected to a single application host processor input.
4.11.10 Default GSPI Operation
By default at power up or after a device reset, the GS6150 is set for Loop-Through
Operation and the internal DEVICE_UNIT_ADDRESS field of the device is set to 0.
Figure 4-21 shows a functional block diagram of the Configuration and Status Register
(CSR) map in the GS6150 for non-extended memory accesses (EMEM = 0).
Figure 4-21: Internal Register Map Functional Block Diagram
[12]
[6:0]
Reg 0
Compare
Configuration and Status Registers
Read/Write
Reg 1
Reg 128
CMD
At power-up or after a device reset, DEVICE_UNIT_ADDRESS = 00h
Data to be written / Read Data
DATA
[15:0]
[11:7]
[13]
[14]
bits
Local Address
R / W
Unit Address
BCAST
ALL
Auto
Inc
EMEM
[15]
DEVICE_UNIT_ADDRESS
GSPI_LINK
_DISABLE
GSPI_BUS_
THROUGH
_ENABLE
RESERVED
bits
[4:0]
[13]
[14]
[15]
32 devices
128 registers
bits
RESERVED
[12:5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com