Electronic Components Datasheet Search
  English  ▼

X  

GS6150 Datasheet(PDF) 40 Page - Semtech Corporation

Part # GS6150
Description  GS6150 Multi-Rate 6G UHD-SDI Reclocker
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6150 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button GS6150 Datasheet HTML 36Page - Semtech Corporation GS6150 Datasheet HTML 37Page - Semtech Corporation GS6150 Datasheet HTML 38Page - Semtech Corporation GS6150 Datasheet HTML 39Page - Semtech Corporation GS6150 Datasheet HTML 40Page - Semtech Corporation GS6150 Datasheet HTML 41Page - Semtech Corporation GS6150 Datasheet HTML 42Page - Semtech Corporation GS6150 Datasheet HTML 43Page - Semtech Corporation GS6150 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
GS6150
Final Data Sheet
Rev.2
PDS-060127
March 2015
40 of 64
Proprietary & Confidential
www.semtech.com
The steps required for the application host processor to write to the Configuration and
Status Registers via the GSPI, are as follows:
1. Set Command Word for write access (R/W = 0) to the local registers 0h-80h; set Auto
Increment; set the Unit Address field in the Command Word to match the
configured DEVICE_UNIT_ADDRESS which will be zero. Write the Command Word.
2. Write the Data Word to be written to the first register.
3. Write the Data Word to be written to the next register in Auto Increment mode, etc.
Read access is the same as the above with the exception of step 1, where the Command
Word is set for read access (R/W = 1).
Note: The UNIT ADDRESS field of the Command Word must always match
DEVICE_UNIT_ADDRESS for an access to be accepted by the device. Changing
DEVICE_UNIT_ADDRESS to a value other than 0 is only required if multiple devices are
connected to a single chip select (in Loop-Through or Bus-Through configuration.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com