Electronic Components Datasheet Search
  English  ▼

X  

GS6150 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS6150
Description  GS6150 Multi-Rate 6G UHD-SDI Reclocker
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6150 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS6150 Datasheet HTML 9Page - Semtech Corporation GS6150 Datasheet HTML 10Page - Semtech Corporation GS6150 Datasheet HTML 11Page - Semtech Corporation GS6150 Datasheet HTML 12Page - Semtech Corporation GS6150 Datasheet HTML 13Page - Semtech Corporation GS6150 Datasheet HTML 14Page - Semtech Corporation GS6150 Datasheet HTML 15Page - Semtech Corporation GS6150 Datasheet HTML 16Page - Semtech Corporation GS6150 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
GS6150
Final Data Sheet
Rev.2
PDS-060127
March 2015
13 of 64
Proprietary & Confidential
www.semtech.com
PLL Lock Time —
Synchronous
tSLOCK
Referenceless
—
—
10
μs
With External Reference
—
—
10
μs
Serial Data (DDO0 and
DDO1) Output Rise And
Fall Time
triseDDO
20% ~ 80% rising edge
into 50
Ω load
——
70
ps
tfallDDO
20% ~ 80% falling edge
into 50
Ω load
——
70
ps
Rise And Fall Time
Mismatch (DDO0 and
DDO1)
——
—
—
15
ps
Duty Cycle Distortion
(DDO0 and DDO1)
—
Data Rate 6G
—
—
10
%
—
Data Rate < 6G
—
—
5
%
Serial Data Output Jitter
Intrinsic
tOJ(125Mb/s)
BW = Nominal
PRN 223 – 1 test pattern
—
0.02
0.03
UIP-P
3, 4
tOJ(270Mb/s)
—
0.02
0.03
UIP-P
3, 4
tOJ(1485Mb/s)
—
0.03
0.06
UIP-P
3, 4
tOJ(2970Mb/s)
—
0.04
0.09
UIP-P
3, 4
tOJ(5940Mb/s)
—
0.07
0.13
UIP-P
3, 4
tOJ(BYPASS)
—
0.06
0.09
UIP-P
3, 4
PLL Loop Bandwidth
BWLOOP(125Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—37
—
kHz
PLL_LOOP_BANDWIDTH
= 00010
—74
—
kHz
PLL_LOOP_BANDWIDTH
= 00100 (default)
—
148
—
kHz
PLL_LOOP_BANDWIDTH
= 01000
—
296
—
kHz
PLL_LOOP_BANDWIDTH
= 10000
—
590
—
kHz
BWLOOP(270Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—80
—
kHz
PLL_LOOP_BANDWIDTH
= 00010
—
160
—
kHz
PLL_LOOP_BANDWIDTH
= 00100 (default)
—
320
—
kHz
PLL_LOOP_BANDWIDTH
= 01000
—
640
—
kHz
PLL_LOOP_BANDWIDTH
= 10000
—1.28
—
MHz
Table 2-3: AC Electrical Characteristics (Continued)
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com