Electronic Components Datasheet Search
  English  ▼

X  

GS6150 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS6150
Description  GS6150 Multi-Rate 6G UHD-SDI Reclocker
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6150 Datasheet(HTML) 2 Page - Semtech Corporation

  GS6150 Datasheet HTML 1Page - Semtech Corporation GS6150 Datasheet HTML 2Page - Semtech Corporation GS6150 Datasheet HTML 3Page - Semtech Corporation GS6150 Datasheet HTML 4Page - Semtech Corporation GS6150 Datasheet HTML 5Page - Semtech Corporation GS6150 Datasheet HTML 6Page - Semtech Corporation GS6150 Datasheet HTML 7Page - Semtech Corporation GS6150 Datasheet HTML 8Page - Semtech Corporation GS6150 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
GS6150
Final Data Sheet
Rev.2
PDS-060127
March 2015
2 of 64
Proprietary & Confidential
www.semtech.com
The device can operate without an external 27MHz
frequency reference. For applications which require rapid
signal lock, an external 27MHz reference may be used to set
the VCO frequency when not locked to the input signal. The
presence of an external reference crystal is automatically
detected by the device.
In systems that require passing of non-supported data
rates, the GS6150 can be configured to either automatically
or manually enter a bypass mode in order to pass the signal
without reclocking.
A four-wire serial Gennum Serial Peripheral Interface (GSPI)
facilitates configuration and status monitoring of the
device. Multiple GS6150 devices can be daisy-chained
together with a single 4-pin connection to the host system.
This device is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant. This
component and all homogenous sub-components are
RoHS compliant.
GS6150 Functional Block Diagram
GPIO0
DDI_SEL[1:0]/
STROBE
DDI3
DDI2
DDI1
DDI0
XTAL_CLK_IN
XTAL_CLK_OUT
XTAL_BUF_OUT
XTAL
Oscillator
Buffer
Phase
Frequency
Detector
Phase Detector
Reference Divide
LOS
Detect
Control
Selectable
Divide
Charge Pump
VCO
Retimer
Equalizer/
Data Mux
SPI
DDO0
DDO1
Data Buffer
LF+, LF–
Oscillator
DDO1
DDO0
DDI0
DDI1
DDI2
DDI3
GPIO1 GPIO2 GPIO3
Data
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com