Electronic Components Datasheet Search
  English  ▼

X  

MAX8722 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8722 Datasheet HTML 10Page - Maxim Integrated Products MAX8722 Datasheet HTML 11Page - Maxim Integrated Products MAX8722 Datasheet HTML 12Page - Maxim Integrated Products MAX8722 Datasheet HTML 13Page - Maxim Integrated Products MAX8722 Datasheet HTML 14Page - Maxim Integrated Products MAX8722 Datasheet HTML 15Page - Maxim Integrated Products MAX8722 Datasheet HTML 16Page - Maxim Integrated Products MAX8722 Datasheet HTML 17Page - Maxim Integrated Products MAX8722 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Figure 5 shows the frequency response of the resonant
tank’s voltage gain under different load conditions.
The primary series capacitor is 1µF, the secondary par-
allel capacitor is 15pF, the transformer turns ratio is
1:93, and the secondary leakage inductance is 260mH.
Notice that there are two peaks, fS and fP, in the fre-
quency response. The first peak, fS, is the series reso-
nant peak determined by the secondary leakage
inductance (L) and the series capacitor reflected to the
secondary (C’S):
The second peak, fP, is the parallel resonant peak
determined by the secondary leakage inductance (L),
the parallel capacitor (CP), and the series capacitor
reflected to the secondary (C’S):
The inverter is designed to operate between these two
resonant peaks. When the lamp is off, the operating
point of the resonant tank is close to the parallel resonant
peak due to the lamp’s infinite impedance. The circuit
displays the characteristics of a parallel-loaded resonant
converter. While in parallel-loaded resonant operation,
the inverter behaves like a voltage source to generate
the necessary striking voltage. Theoretically, the output
voltage of the resonant converter will increase until the
lamp is ionized or until it reaches the IC’s secondary volt-
age limit, without regard to the transformer turns ratio or
the input voltage level. Once the lamp is ionized, the
equivalent load resistance decreases rapidly and the
operating point moves toward the series resonant peak.
While in series resonant operation, the inverter behaves
like a current source.
Lamp-Current Regulation
The MAX8722 uses a lamp-current control loop to regu-
late the current delivered to the CCFL. The heart of the
control loop is a transconductance error amplifier. The
AC lamp current is sensed with a resistor connected in
series with the low-voltage terminal of the lamp. The
voltage across this resistor is fed to the IFB input and is
internally full-wave rectified. The transconductance
error amplifier compares the rectified IFB voltage with a
790mV (typ) internal threshold to generate an error cur-
rent. The error current charges and discharges a
capacitor connected between COMP and ground to
create an error voltage (VCOMP). VCOMP is then com-
pared with an internal ramp signal to set the high-side
MOSFET switch on-time (tON).
fP =
1
2π L
C'S CP
C'S + CP
f
LC
S
S
'
=
1
2π
Low-Cost CCFL Backlight Controller
14
______________________________________________________________________________________
AC
SOURCE
CCFL
CP
L
CS
1:N
(a)
AC
SOURCE
RL
CP
L
C'S =
(b)
CS
N
2
Figure 4. Equivalent Resonant Tank Circuit
FREQUENCY (kHz)
80
60
40
20
1
2
3
4
0
0
100
RL INCREASING
fP
fS
Figure 5. Frequency Response of the Resonant Tank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com