Electronic Components Datasheet Search
  English  ▼

X  

MAX8722 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8722 Datasheet HTML 2Page - Maxim Integrated Products MAX8722 Datasheet HTML 3Page - Maxim Integrated Products MAX8722 Datasheet HTML 4Page - Maxim Integrated Products MAX8722 Datasheet HTML 5Page - Maxim Integrated Products MAX8722 Datasheet HTML 6Page - Maxim Integrated Products MAX8722 Datasheet HTML 7Page - Maxim Integrated Products MAX8722 Datasheet HTML 8Page - Maxim Integrated Products MAX8722 Datasheet HTML 9Page - Maxim Integrated Products MAX8722 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Low-Cost CCFL Backlight Controller
6
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 1. VBATT = 12V, VCC = VDD, VSHDN = 5.3V, TA = +25°C, unless otherwise noted.)
LOW INPUT-VOLTAGE
OPERATION (VBATT = 8V)
MAX8722 toc01
10µs/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VLX1, 10V/div
D: VLX2, 10V/div
HIGH INPUT-VOLTAGE
OPERATION (VBATT = 20V)
MAX8722 toc02
10µs/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VLX1, 10V/div
D: VLX2, 10V/div
LINE-TRANSIENT RESPONSE
MAX8722 toc03
20µs/div
0V A
0V B
0V
C
0V
10V
20V
D
A: VVFB, 2V/div
B: VIFB, 2V/div
C: VLX1, 10V/div
D: VBATT, 10V/div
LINE-TRANSIENT RESPONSE
MAX8722 toc04
20µs/div
0V A
0V B
0V
C
0V
10V
20V
D
A: VVFB, 2V/div
B: VIFB, 2V/div
C: VLX1, 10V/div
D: VBATT, 10V/div
MINIMUM BRIGHTNESS STARTUP
WAVEFORM (VCNTL = 0V)
MAX8722 toc05
2ms/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VCOMP, 1V/div
D: VSHDN, 5V/div
MINIMUM BRIGHTNESS DIGITAL
PWM OPERATION (VCNTL = 0V)
MAX8722 toc06
2ms/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VCOMP, 1V/div
D: VDPWM, 5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com