Electronic Components Datasheet Search
  English  ▼

X  

MAX8722 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX8722 Datasheet HTML 12Page - Maxim Integrated Products MAX8722 Datasheet HTML 13Page - Maxim Integrated Products MAX8722 Datasheet HTML 14Page - Maxim Integrated Products MAX8722 Datasheet HTML 15Page - Maxim Integrated Products MAX8722 Datasheet HTML 16Page - Maxim Integrated Products MAX8722 Datasheet HTML 17Page - Maxim Integrated Products MAX8722 Datasheet HTML 18Page - Maxim Integrated Products MAX8722 Datasheet HTML 19Page - Maxim Integrated Products MAX8722 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
specified in the Electrical Characteristics table. To set
the RMS lamp current to 6mA, the value of R1 should
be 148Ω. The closest standard 1% resistors are 147Ω
and 150Ω. The precise shape of the lamp-current
waveform, which is dependent on lamp parasitics, influ-
ences the actual RMS lamp current. Use a true RMS
current meter connected between the R1/IFB junction
and the low-voltage side of the lamp to make final
adjustments to R1.
Setting the Secondary Voltage Limit
The MAX8722 limits the transformer secondary voltage
during startup and lamp-out faults. The secondary volt-
age is sensed through the capacitive voltage-divider
formed by C3 and C4 (Figure 1). The voltage on VFB is
proportional to the CCFL voltage. The selection of
the parallel resonant capacitor C3 is described in
the Transformer Design and Resonant Component
Selection section. C3 is usually between 10pF and
22pF. After the value of C3 is determined, select C4
using the following equation to set the desired maxi-
mum RMS secondary voltage VLAMP(RMS)_MAX:
where 2.3V is the typical value of the VFB overvoltage
threshold specified in the Electrical Characteristics table.
To set the maximum RMS secondary voltage to 1600V
using 18pF for C3, use approximately 15nF for C4.
Setting the Secondary Current Limit
The MAX8722 limits the secondary current even if the
IFB sense resistor (R1) is shorted or transformer sec-
ondary current finds its way to ground without passing
through R1. ISEC monitors the voltage across the
sense resistor R3, connected between the low-voltage
terminal of the transformer secondary winding and
ground. Determine the value of R3 using the following
equation:
where ISEC(RMS)_MAX is the desired maximum RMS
transformer secondary current during fault conditions,
and 1.217V is the typical value of the ISEC regulation
point specified in the Electrical Characteristics table. To
set the maximum RMS secondary current in the circuit
of Figure 1 to 22mA, use approximately 40.2Ω for R3.
Transformer Design and Resonant
Component Selection
The transformer is the most important component of the
resonant tank circuit. The first step in designing the
transformer is to determine the turns ratio (N). The ratio
must be high enough to support the CCFL operating
voltage at the minimum supply voltage. N can be cal-
culated as follows:
where VLAMP(RMS) is the maximum RMS lamp voltage
in normal operation, and VIN(MIN) is the minimum DC
input voltage. If the maximum RMS lamp voltage in nor-
mal operation is 650V and the minimum DC input volt-
age is 8V, the turns ratio should be greater than 90. The
turns ratio of the transformer used in the circuit of
Figure 1 is 93.
The next step in the design procedure is to determine
the desired operating frequency range. The MAX8722
is synchronized to the natural resonant frequency of the
resonant tank. The resonant frequency changes with
operating conditions, such as the input voltage, lamp
impedance, etc.; therefore, the switching frequency
varies over a certain range. To ensure reliable opera-
tion, the resonant frequency range must be within the
operating frequency range specified by the CCFL
transformer manufacturer. As discussed in the
Resonant Operation section, the resonant frequency
range is determined by the transformer secondary leak-
age inductance L, the primary series DC blocking
capacitor C2, and the secondary parallel resonant
capacitor C3. Since it is difficult to control the trans-
former leakage inductance, the resonant tank design
should be based on the existing secondary leakage
inductance of the selected CCFL transformer. Leakage-
inductance values can have large tolerance and signifi-
cant variations among different batches, so it is best to
work directly with transformer vendors on leakage-
inductance requirements. The MAX8722 works best
when the secondary leakage inductance is between
250mH and 350mH. The series capacitor C2 sets the
minimum operating frequency, which is approximately
two times the series resonant peak frequency. Choose:
C
N
fL
MIN
2
2
2
2
≤
××
π
N
V
V
LAMP RMS
IN MIN
.
()
()
≥
×
09
R
V
ISEC RMS MAX
3
1 217
2
.
() _
=
×
C
V
V
C
LAMP RMS
MAX
4
2
23
3
.
() _
=
×
×
Low-Cost CCFL Backlight Controller
18
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com