Electronic Components Datasheet Search
  English  ▼

X  

MAX8722 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8722 Datasheet HTML 1Page - Maxim Integrated Products MAX8722 Datasheet HTML 2Page - Maxim Integrated Products MAX8722 Datasheet HTML 3Page - Maxim Integrated Products MAX8722 Datasheet HTML 4Page - Maxim Integrated Products MAX8722 Datasheet HTML 5Page - Maxim Integrated Products MAX8722 Datasheet HTML 6Page - Maxim Integrated Products MAX8722 Datasheet HTML 7Page - Maxim Integrated Products MAX8722 Datasheet HTML 8Page - Maxim Integrated Products MAX8722 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Cost CCFL Backlight Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VBATT = 12V, VCC = VDD, VSHDN = 5.3V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input Low Voltage
0.8
V
SHDN Input High Voltage
2.1
V
SHDN Input Bias Current
-1
+1
µA
FREQ Dual Mode
 Input High
Level
VCC -
0.35
V
FREQ Input Regulation Level
VCC / 2
V
FREQ Input Bias Current
FREQ = VCC
230
µA
VISEC < 1.25V and VIFB < 600mV; VFLT = 2V
0.95
1.00
1.05
VISEC < 1.25V and VIFB > 600mV; VFLT = 2V
-1
TFLT Charge Current
VISEC > 1.25V and VIFB < 600mV; VFLT = 2V
116
µA
TFLT Trip Threshold
3.95
4.10
4.20
V
Dual Mode is a trademark of Maxim Integrated Products, Inc.
ELECTRICAL CHARACTERISTIC
(Circuit of Figure 1. VBATT = 12V, VCC = VDD, VSHDN = 5.3V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = VDD = VBATT
4.6
5.5
BATT Input Voltage Range
VCC = VDD = open
5.5
28.0
V
VBATT = 28V
2
BATT Quiescent Current
VSHDN = VCC, VIFB = 1V
VBATT = VCC = 5V
2
mA
BATT Quiescent Current,
Shutdown
SHDN = GND
20
µA
VCC Output Voltage, Normal
Operation
VSHDN = 5.5V, 6V < VBATT < 28V
0 < ILOAD < 20mA
5.25
5.55
V
VCC Output Voltage, Shutdown
SHDN = GND, no load
3.5
5.5
V
VCC rising (leaving lockout)
4.58
VCC Undervoltage-Lockout
Threshold
VCC falling (entering lockout)
4.0
V
GH1, GH2, GL1, GL2 On-
Resistance, High
ITEST =10mA, VCC = VDD = 5.3V
37
Ω
GH1, GH2, GL1, GL2 On-
Resistance, Low
ITEST =10mA, VCC = VDD = 5.3V
20
Ω
BST1, BST2 Leakage Current
VBST_ = 12V, VLX_ = 7V
5
µA
Resonant Frequency Range
Guaranteed by design
30
80
kHz
Minimum Off-Time
340
600
ns
Maximum Off-Time
24
43
µs
Current-Limit Threshold
LX1 - PGND, LX2 - PGND (Fixed)
ILIM = VCC
180
220
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com