Electronic Components Datasheet Search
  English  ▼

X  

SC573EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC573EVB
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC573EVB Datasheet HTML 1Page - Semtech Corporation SC573EVB Datasheet HTML 2Page - Semtech Corporation SC573EVB Datasheet HTML 3Page - Semtech Corporation SC573EVB Datasheet HTML 4Page - Semtech Corporation SC573EVB Datasheet HTML 5Page - Semtech Corporation SC573EVB Datasheet HTML 6Page - Semtech Corporation SC573EVB Datasheet HTML 7Page - Semtech Corporation SC573EVB Datasheet HTML 8Page - Semtech Corporation SC573EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC573
Final Rev 2.1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage Range
V
2.3
5.5
V
Output Voltage Accuracy
ΔV
I
OUT =1mA,
V
IN ≥ Max(VOUT + 1.0V or 2.3V).
-3
+/- 2
3
%
Maximum Output Current
I
300
mA
Dropout Voltage
V
I
OUT = 300mA, VIN = 3.0V to 3.6V
180
450
mV
I
OUT = 300mA, VIN = 3.0V to 3.6V,
-40°C
< T
A < 85°C
180
400
mV
I
OUT = 300mA, VIN = 2.3V to 3.0V
300
540
mV
I
OUT = 300mA, VIN = 2.3V to 3.0V
-40°C
< T
A < 85°C
300
490
mV
Shutdown Current
I
EN=0,
0.1
1.2
μA
Quiescent Current
I
I
OUT = 0mA, VEN = VIN
50
µA
Load Regulation
ΔV
I
OUT = 1mA to IMAX, -40 °C≤TA ≤85°C
5
40
mV
Line Regulation
ΔV
I
OUT = 1mA, -40 °C ≤ TA ≤85°C
0.02
0.1
%/V
Absolute Maximum Ratings
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
All Other Pins (V) . . . . . . . . . . . . . . . . . . .. -0.3 to (V
VIN + 0.3)
ESD(1)PROTECTION LEVEL (kV). ............. ...................4
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . -40 < T
A < +85
V
IN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3 to 5.5
EN to GND(V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VIN
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W ) .. 262
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +125
Storage Temperature Range (°C). . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Unless otherwise noted V
VIN = Max[VOUT + 1.0V or 2.3V], CIN = 1μF, COUT = 1μF, VEN = VVIN, -40 °C < Tj < 125°C. Typical values are at TA =
25°C. All specifications apply to both LDOs unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com