Electronic Components Datasheet Search
  English  ▼

X  

SC573EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC573EVB
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC573EVB Datasheet HTML 1Page - Semtech Corporation SC573EVB Datasheet HTML 2Page - Semtech Corporation SC573EVB Datasheet HTML 3Page - Semtech Corporation SC573EVB Datasheet HTML 4Page - Semtech Corporation SC573EVB Datasheet HTML 5Page - Semtech Corporation SC573EVB Datasheet HTML 6Page - Semtech Corporation SC573EVB Datasheet HTML 7Page - Semtech Corporation SC573EVB Datasheet HTML 8Page - Semtech Corporation SC573EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC573
Final Rev 2.1
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Limit
I
LIM
350
550
750
mA
Noise(3)
e
N
R
load = 50Ω
10Hz < f < 100kHz
100
μV
RMS/V
Power Supply Rejection
Ratio(3)
PSRR
I
OUT = 5mA, f = 1kHz,
60
dB
Under Voltage Lockout
V
UVL
V
IN Rising
1.95
2.1
2.25
V
UVLO Hysteresis
V
UVLO-HYS
100
mV
Over Temperature Protection
Threshold(4)
T
OT
Temperature Rising
150
°C
Over Temperature Threshold
Hysteresis
V
OT-HYS
10
°C
Digital Inputs
Logic Input High Threshold
V
IH
V
IN = 5.5V
1.2
V
Logic Input Low Threshold
V
IL
V
IN = 2.5V
0.4
V
Logic Input High Current
I
IH
V
IN = 5.5V
1.6
μA
Logic Input Low Current
I
IL
V
IN = 5.5V
1
μA
Notes:
(1) 50mV per LSB accuracy; when V
OUT setting is lower than approximately 1.8V, accuracy specification percentage increases accordingly
(2) Dropout voltage is defined as V
IN - VOUT , when VOUT is 100mV below the value of VOUT at VIN ≥ Max(VOUT + 1.0V or 2.3V).
(3) Not tested in production, typical performance characteristic based on bench characterization
(4) Thermal shutdown does not latch LDO off. Recovery begins if the temperature drops by the hysteresis level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com