Electronic Components Datasheet Search
  English  ▼

X  

SC573EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC573EVB
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC573EVB Datasheet HTML 3Page - Semtech Corporation SC573EVB Datasheet HTML 4Page - Semtech Corporation SC573EVB Datasheet HTML 5Page - Semtech Corporation SC573EVB Datasheet HTML 6Page - Semtech Corporation SC573EVB Datasheet HTML 7Page - Semtech Corporation SC573EVB Datasheet HTML 8Page - Semtech Corporation SC573EVB Datasheet HTML 9Page - Semtech Corporation SC573EVB Datasheet HTML 10Page - Semtech Corporation SC573EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SC573
Final Rev 2.1
Typical Characteristics
Load Regulation (VIN=3.6V, VOUT=3.3V)
Load Regulation (VIN=3.6V, VOUT=1.8V)
Load Regulation (VIN=5.0V, VOUT=3.3V)
Load Regulation (VIN=4.2V, VOUT=1.8V)
Line Regulation (VOUT=3.3V, IOUT=150mA)
Line Regulation (VOUT=3.3V, IOUT=300mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com