Electronic Components Datasheet Search
  English  ▼

X  

SC573EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC573EVB
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC573EVB Datasheet HTML 1Page - Semtech Corporation SC573EVB Datasheet HTML 2Page - Semtech Corporation SC573EVB Datasheet HTML 3Page - Semtech Corporation SC573EVB Datasheet HTML 4Page - Semtech Corporation SC573EVB Datasheet HTML 5Page - Semtech Corporation SC573EVB Datasheet HTML 6Page - Semtech Corporation SC573EVB Datasheet HTML 7Page - Semtech Corporation SC573EVB Datasheet HTML 8Page - Semtech Corporation SC573EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Final Rev 2.1
1
POWER MANAGEMENT
Features
Input voltage range — 2.3V to 5.5V
Single 300mA (maximum) output
Dropout at 300mA load — 180mV (Typ)
Quiescent supply current — 50μA
Shutdown current — 100nA
Output noise — 100μVRMS /V
Over-temperature protection
Short-circuit protection
Under-voltage lockout
Internal 100
Ω output discharge
SC70-5 Package
Applications
LoRa® sensors, nodes and gateways
IoT low power radio applications
Consumer electronics
Wearable & Portable electronics
GPS devices
Set top boxes/HDTVs
Communication electronics
Industrial electronics
SC573
300mA Low-Noise LDO Regulator
Description
SC573 is a low dropout linear voltage regulator designed
for use in applications with space constraints and low
power requirements. SC573 provides fixed output
voltages, delivering up to 300mA of load current. Fixed
output voltage eliminates the need for external feedback
resistors.
The device has an input, output and enable pin. Using the
lowest possible input voltage for the output voltage
reduces the power loss and improves overall package
thermal performance and efficiency.
The device has fast turn-on and turn-off voltage slew rate
for fast system start up and reset response. Low quiescent
current extends battery life.
SC573 provides protection circuitry such as short-circuit
protection,
under-voltage
lockout,
and
thermal
protection to prevent device failures. Stability is
maintained by using 1µF capacitors on the output pins.
SC70-5 package and small ceramic bypass capacitors
minimize the required PCB area.
Typical Application Circuit
CIN
VIN
EN
EN
GND
VIN
SC573
COUT
1µF
1µF
VOUT
VOUT


Similar Part No. - SC573EVB

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SC570708-1 DBUNLIMITED-SC570708-1 Datasheet
541Kb / 1P
Released from Engineering
logo
Hammond Manufacturing L...
SC576-50 HAMMOND-SC576-50 Datasheet
303Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
12/15/2018
SC576-50 HAMMOND-SC576-50 Datasheet
559Kb / 1P
Purchased assembly includes box, lid, 4 cover screws, and preformed silicone gasket. Polycarbonate version is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
SC576-50 HAMMOND-SC576-50 Datasheet
563Kb / 1P
Purchas ed assembly inc ludes box , lid, 4 cover s c rews, and preformed s ilic one gas ket. Poly carbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid ac c epts 30.5mm pus h buttons
SC576-50 HAMMOND-SC576-50 Datasheet
404Kb / 1P
Purchased assembly includes box, lid, 4 cover screws, and preformed silicone gasket. Polycarbonate version is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 30.5mm push buttons
More results

Similar Description - SC573EVB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
Low Noise, 300mA CMOS LDO Regulator
logo
RICOH electronics devic...
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
LOW NOISE 300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
LOW NOISE 300mA LDO REGULATOR
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com