Electronic Components Datasheet Search
  English  ▼

X  

274 Datasheet(PDF) 7 Page - MKS Instruments.

Part # 274
Description  Good vacuum pressure measurement for economical cost
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

274 Datasheet(HTML) 7 Page - MKS Instruments.

  274 Datasheet HTML 1Page - MKS Instruments. 274 Datasheet HTML 2Page - MKS Instruments. 274 Datasheet HTML 3Page - MKS Instruments. 274 Datasheet HTML 4Page - MKS Instruments. 274 Datasheet HTML 5Page - MKS Instruments. 274 Datasheet HTML 6Page - MKS Instruments. 274 Datasheet HTML 7Page - MKS Instruments. 274 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Glass Tubulated Gauges
Single thoria-coated iridium filament
3/4 inch Pyrex glass inlet port
274002
3/4 inch Kovar metal inlet port
274003
1 inch Pyrex glass inlet port
274005
1 inch Kovar metal inlet port
274006
15 mm Pyrex glass inlet port
274036
nW25KF flange with 1 inch port
274032
1.33 inch (nW16CF) non-rotatable, 3/4 inch port
274020
2.75 inch (nW35CF) non-rotatable, 3/4 inch port
274007
2.75 inch (nW35CF) non-rotatable, 1 inch port
274008
Dual tungsten filaments
3/4 inch Pyrex glass inlet port
274012
3/4 inch Kovar metal inlet port
274013
1 inch Pyrex glass inlet port
274015
1 inch Kovar metal inlet port
274016
15 mm Pyrex glass inlet port
274037
1.33 inch (nW16CF) non-rotatable, 3/4 inch port
274021
2.75 inch (nW35CF) non-rotatable, 3/4 inch port
274017
2.75 inch (nW35CF) non-rotatable, 1 inch port
274018
Nude Gauges
Single thoria-coated iridium filament (resistive or electron bombardment degas)
nW40KF flange with pin guard/locking strain relief
274053
2.75 inch (nW35CF) non-rotatable
274028
2.75 inch (nW35CF) non-rotatable, pin guard/locking strain relief
274043
Replacement filament
274029
UHV Nude Gauges
Dual thoria-coated iridium filament (electron bombardment degas only)
nW40KF flange with pin guard/locking strain relief
274058
2.75 inch (nW35CF) non-rotatable
274023
2.75 inch (nW35CF) non-rotatable, pin guard/locking strain relief
274042
Replacement filaments
274025
Dual tungsten filaments (electron bombardment degas only)
nW40KF flange
274050
nW40KF flange, pin guard/locking strain relief
274057
2.75 inch (nW35CF) non-rotatable
274022
2.75 inch (nW35CF) non-rotatable, pin guard/locking strain relief
274041
Replacement filaments
274024
Accessories
Glass tubulated test gauge with thoria-coated iridium filament, pumped down to
approximately 10-5 Torr and sealed off. nOT to be used as a pressure reference.
274031
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com