Electronic Components Datasheet Search
  English  ▼

X  

901P Datasheet(PDF) 2 Page - MKS Instruments.

Part # 901P
Description  micro Pirani piezo load lock transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

901P Datasheet(HTML) 2 Page - MKS Instruments.

  901P Datasheet HTML 1Page - MKS Instruments. 901P Datasheet HTML 2Page - MKS Instruments. 901P Datasheet HTML 3Page - MKS Instruments. 901P Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unlike traditional Pirani gauges, the sensor element in the
MicroPirani™ is made of a one millimeter square silicon
chip, allowing the measurements to be made in a very
small volume. As a result of the MicroPirani™ technology,
the 901P can read pressures down to 10-5 Torr, two
decades below a standard Pirani sensor. The sensor
design minimizes the effects of convection, subsequently
the 901P can be mounted in any orientation without
compromising accuracy.
The Piezo is a differential pressure sensor, ensuring
correct atmospheric pressure measurement under varying
barometric pressure conditions. Piezo technology is a
direct pressure reading, allowing the measurement to be
gas independent. The Piezo sensor measures from -760 to
+760 Torr relative to atmospheric pressure.
The 901P has RS232, RS485, and EtherCAT digital
communication interfaces for setup of transducer
parameters and to provide real time pressure
measurement.
The 901P also has an analog pressure output of 1VDC/
decade that can be interfaced to external analog
equipment for pressure readout or control.
Other analog outputs and curves can be selected via the
digital user interface. A secondary optional analog output
is used to provide the differential pressure measurement.
The 901P has up to three mechanical relays which can be
used for process control, for example interlocking isolation
valves and vacuum pumps.
Each set point can be assigned either to the differential
piezo measurement or the combined absolute MicroPirani/
Piezo measurement. The 901P compact design
significantly reduces the amount of space occupied by a
vacuum gauge. This is particularly appealing to system
designers and allows for a more compact vacuum system.
Dimensional Drawings —
Note: Unless otherwise specified, dimensions are nominal values in inches (mm referenced).
Flange
A
NW 16 KF
1.93 (49.1)
NW 16 KF Ext
2.58 (65.6)
NW 25 KF
2.00 (50.9)
1/8'' NPT-M
3.50 (89.0)
4 VCR®
3.20 (81.4)
8 VCR®
3.24 (82.4)
CF 1.33’’
2.30 (58.5)
Flange
H
NW 16 KF
2.84 (73.39)
NW 16 KF Ext
3.52 (89.41)
NW 25 KF
3.23 (82.04)
1/8'' NPT-M
4.47 (113.54)
4 VCR®
4.43 (112.52)
8 VCR®
4.47 (113.54)
EtherCAT version
non-EtherCAT version
Pin
Rs232/485 15 pin sub-d
EtherCAT 15 pin sub-d
RJ45 EtherCAT In/OuT
1
RS485 (-)/RS232 transmit
NC
TX+
2
RS485 (+)/RS232 receive
NC
TX-
3
Power (+)
Input Power (+) 9 to 24 VDC
RX+
4
Power (-)
Power Return -
NC
5
Analog Output (+) abs.
Signal Output +
NC
6
Analog Output (-)
Signal Common
RX-
7
Relay #1 NO
NC
NC
8
Relay #1 Common
NC
NC
9
Relay #1 NC
NC
10
Relay #2 NC
NC
11
Relay #2 Common
NC
12
Relay #2 NO
NC
13
Relay #3 NC (or analog output diff)
NC
14
Relay #3 Common
NC
15
Relay #3 NO
Chassis Ground
PinOuts —
Three (3) set point relays and dual Aout, 15 pin D Subminiature and RJ45
EtherCAT IN/OUT Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com