Electronic Components Datasheet Search
  English  ▼

X  

901P Datasheet(PDF) 4 Page - MKS Instruments.

Part # 901P
Description  micro Pirani piezo load lock transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

901P Datasheet(HTML) 4 Page - MKS Instruments.

  901P Datasheet HTML 1Page - MKS Instruments. 901P Datasheet HTML 2Page - MKS Instruments. 901P Datasheet HTML 3Page - MKS Instruments. 901P Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
901P - 10/18
© 2009-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ and MicroPirani™ are trademarks of MKS Instruments, Inc.,
VCR® is a registered trademark of Swagelok Co. Viton® is a registered trademark of E.I Dupont Co., Inc. EtherCAT® is a
registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany.
U.S. Patent No. 6,672,171. Other patents pending.
Transducer Model
Code
901P Load Lock
901P-
Flange
KF16
1
KF25
2
1/8'' NPT-M
3
VCR4-F
4
VCR8-F
5
CF1.33
6
KF16 extended
8
Interface
RS232/Analog
1
RS485/Analog
2
EtherCAT/Analog
7
Analog Out
Standard MKS
0
Connector Relays
Sub D 15 pin HD male/no relay
2
Sub D 15 pin HD male/3 relays
3 (not available with EtherCAT)
Sub D 15 pin HD male/3 relays/Dual Aout (piezo differential)
4 (not available with EtherCAT)
Sub D 15 pin HD male/3 relays/Dual Aout (Absolute)
5 (not available with EtherCAT)
Enclosure
Standard/Viton sealing
0
Standard/Viton sealing/display
4 (not available with EtherCAT)
Ordering Code Example: 901P-11030 = KF16, RS232, standard analog output, Sub D 15 pin HD male, 3 relays, Viton.
Analog Output
The 901P has a standard 15 pin HD Sub D connector and an analog output voltage pressure signal of 1VDC/decade. It can also emulate analog voltage
outputs from a variety of other vacuum transducers. The emulation feature can be used to upgrade and replace other vendors’ gauges in OEM applications
without changing system software. Contact MKS technical support for details.
The optional integrated touch-screen display is user configurable;
the user can change pressure units, orientation and has access
to set point parameters as well as gas type. The display also
indicates the status of the available set point relays. Displayed
pressure reading from individual sensors or combined reading
can be seen from >5 meters away on the high contrast display.
The PDR900 power supply and readout unit is a stand alone,
single channel controller for use with the Series 900 digital
vacuum transducers. It can be used as a stand-alone power
supply readout unit or as a tool for configuration, calibration
and diagnostics of system integrated transducers in OEM
applications.
PDR900 Power Supply & Display
901P with Display
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
6450 Dry Creek Parkway
Longmont, CO 80503
Tel:
303.652.4400
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com