Electronic Components Datasheet Search
  English  ▼

X  

901P Datasheet(PDF) 3 Page - MKS Instruments.

Part # 901P
Description  micro Pirani piezo load lock transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

901P Datasheet(HTML) 3 Page - MKS Instruments.

  901P Datasheet HTML 1Page - MKS Instruments. 901P Datasheet HTML 2Page - MKS Instruments. 901P Datasheet HTML 3Page - MKS Instruments. 901P Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
sensor
Type 1
MicroPirani (MEMS Thermal Conductivity)
Type 2
Piezo differential (MEMS diaphragm)
Measuring Range
Absolute
1.0 x 10-5 Torr to 1500 Torr
Differential
-760 to +760 Torr
set Point Range
Absolute
5.0 x 10-4 Torr to 1000 Torr
Differential
-760 to +100 Torr
Calibration Gas
Air, Argon, Helium, Nitrogen, H
2, H2O vapor, CO2, Xenon, Neon
Operating Temperature Range
0° to 40°C (32° to 104°F)
Maximum Bakeout Temperature
80°C (176°F), non-operating
digital Communication
RS485 / RS232 (4800 to 230400 Baud)
Controls
Zero adjust, span adjust, analog output, pressure units, baud rate, address, factory
default, set point functions: value, hysteresis, direction, enable, transducer status,
switch, LED test
Status
Absolute and differential pressure reading, units, set point, operating time, transducer
temperature, user tag, model, device type, serial number, firmware and hardware
versions, part number, manufacturer
Analog Output (Absolute Pressure)
1 to 9 VDC, 1 VDC/decade, 100
W maximum output impedance
Analog Output Resolution
16 bit
Optional Analog Output 2
5 VDC = 0 Torr, 1 VDC/decade
(Piezo differential)
Analog Output 2 Resolution
12 bit
Relays (Optional Rs232 and Rs485)
901P - 3 relays SPDT
Relay Contact Rating
1 A @ 30VAC/DC, resistive
Relay Response
100 msec maximum
Power Requirements
9 to 30 VDC, < 1.2 watts max (RS232/RS485)
9 to 30 VDC, < 2 watts max (EtherCAT)
MicroPirani
Accuracy(1)
5 x 10-4 to 1 x 10-3 Torr ±10% of Reading
1 x 10-3 to 100 Torr ±5% of Reading
100 Torr to Atm ±25% of Reading
Repeatability(1)
1 x 10-3 to 100 Torr ±2% of Reading
Piezo differential
Accuracy Piezo(1)
-10 to +10 Torr ±10% of Reading
-100 to -10 Torr ±8% of Reading
-760 to -100 Torr ±1% of Reading
+10 to 100 Torr ±5% of Reading
Repeatability(1)
-760 to +10 Torr ±1% of Reading
Zero Stability(1)
±0.1% of Full Scale (F.S. = 760 Torr)
Overpressure Limit
1500 Torr (Absolute)
Electrical Connectors
RS232/RS485/Analog
15-pin D-subminiature male
EtherCAT
Analog
15-pin D-subminiature male
EtherCAT
Two (2) RJ45 female receptacles for incoming and network signals
Installation Orientation
Any
Internal Volume (kF16)
2.8 cm3
Materials Exposed to Vacuum
Silicon, SiO
2, Si3N4, gold, low outgassing epoxy resin, 304 stainless steel, Viton
®
Electronic Casing and Flange
304 stainless steel
Weight (with kF 16 Flange)
170 g
Compliance
CE, ETG.5003.2080 Vacuum Pressure Gauge
(1) Accuracy and repeatability are typical values measured with Nitrogen gas at ambient temperature after zero adjustment.
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com