| Electronic Components Datasheet Search |
|
901P Datasheet(PDF) 1 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
901P Datasheet(HTML) 1 Page - MKS Instruments. |
|
1 / 4 page ![]() Series 901P MICROPIRAnI™ / PIEzO LOAd LOCk TRAnsduCER Designed specifically for the load lock environment, the Series 901 Plus (901P) Load Lock Transducer (LLT) combines Piezo and MicroPirani™ sensor technologies. The combined output provides significantly higher accuracy, stability, repeatability and a faster response time than conventional thermal conductivity gauges. The 901P combines both absolute and differential pressure measurement technologies to provide superior performance and functionality. The 901P provides patented, gas independent absolute pressure measurement from 50 -1000 Torr with increased accuracy over thermal conductivity sensors. Features & Benefits • Functionalityofthreesensorsinasingle transducer for space savings and wide measurement range • Ultracompactdesign • Accurateabsolutepressuremeasurement from 1,000 to 10-5 Torr • Gasindependentabsolutepressure measurement from 50 to 1,000 Torr • Accurateatmosphericpressurereading, independent of gas type and barometric pressure changes • Fast,accurateandrepeatablepressure measurements reduces process cycle time • Mountableinanyorientationforeaseof installation; no loss of measurement accuracy • Optionalintegratedtouch-screendisplay available for local pressure indication, etc. • MicroPirani™ solid state sensor is resistant to damage from air inrush or vibration • Threesetpointswithfastresponsetime for reliable process control (optional) • Easeofoperationviaanalogoutput, RS232, RS485, and EtherCAT • Setup,diagnosticandoperationsoftware available • Alternateanalogoutputandelectrical connectors available to match other vendors’ gauges and facilitate an easy upgrade Applications The 901P has been specifically designed for pressure measurement within a vacuum load lock. It has the capability to replace multiple pressure measurement devices on a load lock with its absolute pressure measurement from atmosphere to 10-5 Torr and atmospheric switching capabilities. Subsequently OEMs can reduce costs with a simplified load lock design. The 901P can be used on load locks or any vacuum chamber requiring both absolute pressure measurement and atmospheric switching capabilities. Compared to gauges used in traditional load lock designs, the 901P accurate atmospheric pressure measurement can improve load lock performance by faster cycle times and prevent contamination of load lock with atmospheric air. |
Similar Part No. - 901P |
|
Similar Description - 901P |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |