Electronic Components Datasheet Search
  English  ▼

X  

970B Datasheet(PDF) 2 Page - MKS Instruments.

Part # 970B
Description  COLD CATHODE TRANSDUCER FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

970B Datasheet(HTML) 2 Page - MKS Instruments.

  970B Datasheet HTML 1Page - MKS Instruments. 970B Datasheet HTML 2Page - MKS Instruments. 970B Datasheet HTML 3Page - MKS Instruments. 970B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
The Series 970B family consists of 3 models, the 971B,
972B and the 974B.
971B UniMag
The 971B UniMag transducer offers a measurement
range from 1x10-8 Torr to 5x10-3 Torr and is based on cold
cathode inverted magnetron sensor technology. The 971B
is a cost effective solution for base pressure measurement
and control.
972B DualMag
The 972B DualMag transducer offers a measurement
range from 1x10-8 Torr to atmospheric pressure
and it combines cold cathode inverted magnetron
and MicroPirani thermal conductivity MEMS sensor
technologies. The MicroPirani automatically controls the
cold cathode sensor to ensure optimal ignition pressure.
The MicroPirani offers 1-2 decades lower measuring range
thanatraditionalpiranigauge,subsequentlybylowering
the cold cathode activation pressure gauge, reliability is
improved and the service interval extended.
974B QuadMag
The 974B QuadMag offers a measurement range from
1x10-8 to 1500 Torr and combines cold cathode inverted
magnetron, MicroPirani and Piezo differential sensor
technologies. The 974B has been specifically designed
for pressure measurement within a vacuum loadlock. It
has the capability to replace multiple pressure
measurement devices on a loadlock with its absolute
pressure measurement from atmosphere to 10-8 Torr and
atmosphericswitchingcapabilities.Subsequently,OEM’s
can reduce costs with a simplified loadlock design. The
974B can be used on loadlocks or any vacuum chamber
requiringbothabsolutepressuremeasurementand
atmospheric switching capabilities.
Interface
The Series 970B has RS232, RS485, and EtherCAT
digital communications interface for setup of transducer
parameters and to provide real time pressure
measurement.
All Series 970B transducers have an analog pressure
output of 0.5VDC/decade that can be interfaced to external
analogequipmentforpressurereadoutorcontrol.Other
analog outputs and curves can be selected via the digital
user interface.
The Series 970B has up to three mechanical relays which
can be used for process control, examples are interlocking
valves or pumps.
The Series 970B have standard 15 pin HD SUBD
connector and an analog output voltage pressure signal
of 0.5VDC/decade. It can also emulate analog voltage
outputs from a variety of other vacuum transducers. The
emulation feature can be used to upgrade and replace
other vendors’ gauges in OEM applications without
changing system software. Contact MKS technical support
for details.
The optional integrated
touch-screen display is
user configurable; the user
can change pressure units,
orientation and has access to set
point parameters as well as gas
type. The display also indicates
the status of the available set
point relays. Displayed pressure
reading from individual sensors
or combined reading can be
seen from >5 meters away on
the high contrast display.
Sensor and transducer measurement ranges
971B
972B
974B
The transducers are available with an optional IP54
(NEMA 3) rated enclosure.
The user changeable cold cathode anode module and
screen offers easy serviceability without disassembling of
transducer electronics.
Pin
RS232/485 15 pin Sub-D
EtherCAT 15 pin Sub-D
RJ45 EtherCAT IN/OUT
1
RS485 (-)/RS232 transmit
NC
TX+
2
RS485 (+)/RS232 receive
NC
TX-
3
Power (+)
Input Power (+) 9 to 24 VDC
RX+
4
Power (-)
Power Return -
NC
5
Analog Output (+) abs.
Signal Output +
NC
6
Analog Output (-)
Signal Common
RX-
7
Relay #1 NO
NC
NC
8
Relay #1 Common
NC
NC
9
Relay #1 NC
NC
10
Relay #2 NC
NC
11
Relay #2 Common
NC
12
Relay #2 NO
NC
13
Relay #3 NC
(971B only - cold cathode enable)
NC
14
Relay #3 Common
NC
15
Relay #3 NO
Chassis Ground
PinOuts —
Three (3) set point relays and dual Aout, 15 pin D Subminiature and RJ45
EtherCAT IN/OUT Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com