Electronic Components Datasheet Search
  English  ▼

X  

970B Datasheet(PDF) 1 Page - MKS Instruments.

Part # 970B
Description  COLD CATHODE TRANSDUCER FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

970B Datasheet(HTML) 1 Page - MKS Instruments.

  970B Datasheet HTML 1Page - MKS Instruments. 970B Datasheet HTML 2Page - MKS Instruments. 970B Datasheet HTML 3Page - MKS Instruments. 970B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series 970B
COLD CATHODE TRANSDUCER FAMILY
The Series 970B is a family of compact, low cost, general-purpose transducers that utilize
from one to four sensors - cold cathode, MicroPirani, and Piezo technologies. Combining
these sensing technologies enables a wide measurement range from atmosphere to 10-8
Torr. In addition to its small size, broad range and lower cost, the Series 970B can be
operated via digital communication or as an autonomous analog unit.
Features & Benefits
• Smallfootprintdesignprovidesacompact
transducer solution saving tool real estate
• Singletransducerprovidesawide
measurement range of 10-8 Torr to
atmosphere (972B and 974B models),
eliminating the need for multiple gauges
• TheMEMSbasedMicroPiranisensor
in the 972B and 974B allows low auto
cold cathode turn-on pressure (user
programmable from 2x10-4 to 1x10-3 Torr)
for enhanced reliability
• Thecoldcathodeanodemoduledesignis
user serviceable to decrease downtime
and save external repair costs
• Easeofoperationviaanalogoutput,
RS232, RS485, and EtherCAT®
• MicroPiraniisautomaticallyzeroed
during pump down cycle for improved
accuracy (972B and 974B models)
• Mountableinanyorientationforease
of use and flexibility of design
• Simplifiedinterfaceviaasingle
smoothed analog output that combines
the individual sensor measurements
• Threeuserconfigurablerelaysforprocess
control
• Alternateanalogoutputandelectrical
connectors available to match other
vendors’ gauges and facilitate an easy
upgrade
• CanbeusedwiththePDR900controller
for easy set up
• Optionalintegratedtouch-screendisplay
available for local pressure indication, etc.
Applications
The Series 970B Transducers are compact, low cost measurement solutions for vacuum
users operating within the pressure range of atmosphere to 10-8 Torr. The small size of the
Series 970B transducers makes them ideal for system integrators looking to reduce footprint
and enable miniaturization. Applications include:
• Analyticalequipment
(mass spectrometer control)
• Scanningelectronmicroscopes
• Coatingsystems
• Semiconductorloadlockpressurecontrol
• Generalvacuumbasepressure
measurement


Similar Part No. - 970B

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
Dia Indicator Lights
logo
Glenair, Inc.
970-001 GLENAIR-970-001 Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories
logo
Premier Farnell Limited...
970-0010 DURATOOL-970-0010 Datasheet
156Kb / 2P
Hand Hole Cutters
15/11/11 V1.1
970-0020 DURATOOL-970-0020 Datasheet
156Kb / 2P
Hand Hole Cutters
15/11/11 V1.1
logo
Glenair, Inc.
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
PowerTrip Connectors and Accessories
More results

Similar Description - 970B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
FL9065 GILWAY-FL9065 Datasheet
31Kb / 1P
Cold Cathode Fluorescent Lamps
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
Cold Cathode Fluorescent Lamp Driver
logo
NXP Semiconductors
Z900T PHILIPS-Z900T Datasheet
354Kb / 9P
COLD CATHODE TRIGGER TUBE
9.9.1955
logo
List of Unclassifed Man...
423A ETC2-423A Datasheet
70Kb / 1P
MINIATURE COLD CATHODE 2 ELECTRODE
logo
Raytheon Company
CK1047 RAYTHEON-CK1047 Datasheet
179Kb / 2P
COLD CATHODE HALF-WAVE RECTIFIER
logo
List of Unclassifed Man...
BF20218-24B ETC2-BF20218-24B Datasheet
128Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
BF3100-20B ETC2-BF3100-20B Datasheet
427Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
MKS Instruments.
943 MKS-943 Datasheet
311Kb / 4P
cold cathode vacuum gauge system
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com