Electronic Components Datasheet Search
  English  ▼

X  

GPUSB101A Datasheet(PDF) 12 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 8Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 9Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 10Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 11Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 12Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 13Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 14Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 15Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
12
Sep 24, 2014
Version: 1.4
Unit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Output Voltage
V33_REG
3.0
3.3
3.6
V
Note1
Drop Voltage
VDROP
-
-
200
mV
V50_REG=3.3V, IREGO=60mA
Standby Current
IREGS
-
-
2
uA
Note1: When input voltage below 3.3V will limit the output of the regulator to V50_REG- VDROP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com